Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA3V177 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3V177
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3V177 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3V177 Datasheet HTML 1Page - Panasonic Semiconductor MA3V177 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Diodes
2
MA3V177
10−1
0
0.4
0.8
1.2
1.6
2.0
1
10
102
103
Forward voltage V
F
(V)
12 3
Ta
= 25°C
10−1
0
0.4
0.8
1.2
1.6
2.0
1
10
102
103
Forward voltage V
F
(V)
12 3
Ta
= 25°C
Reverse voltage V
R
(V)
010
20
30
40
50
10−2
10−1
1
10
102
12 3
D2 (2-1)
D1 (3-2)
Ta
= 25°C
Reverse voltage V
R
(V)
010
20
30
40
50
10−1
1
10
102
103
12 3
D2 (2-1)
D1 (3-2)
Ta
= 125°C
0
1.2
1.0
0.8
0.6
0.4
0.2
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
12 3
I
F = 10 mA
3 mA
1 mA
0.1 mA
0
1.2
1.0
0.8
0.6
0.4
0.2
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
12 3
IF
= 10 mA
3 mA
1 mA
0.1 mA
IF  VF
VF  Ta
IR  VR
IR  VR
IF  VF
VF  Ta
IR  Ta
0.1
0
40
80
120
160
20
60
100
140
1
10
100
Ambient temperature T
a
(
°C)
12 3
D2 (2-1)
D1 (3-2)
0.1
10
1
0.2
2
0.3
3
0.5
5
08
12
416 20 24 28 32 36 40
Reverse voltage V
R
(V)
123
f
= 1 MHz
Ta
= 25°C
D1 (3-2)
D2 (2-1)
Ct  VR


Similar Part No. - MA3V177

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3V175D PANASONIC-MA3V175D Datasheet
49Kb / 2P
   Silicon epitaxial planar type
MA3V175E PANASONIC-MA3V175E Datasheet
48Kb / 2P
   Silicon epitaxial planar type
MA3V175E PANASONIC-MA3V175E Datasheet
73Kb / 3P
   Silicon epitaxial planar type
MA3V176D PANASONIC-MA3V176D Datasheet
49Kb / 2P
   Silicon epitaxial planar type
MA3V176E PANASONIC-MA3V176E Datasheet
48Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA3V177

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com