Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC63LV1024-10J Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC63LV1024-10J
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC63LV1024-10J Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC63LV1024-10J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 9Page - Integrated Circuit Solution Inc IC63LV1024-10J Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IC63LV1024
8
Integrated Circuit Solution Inc.
AHSR025-0D
04/16/2004
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE to Write End
7
8
9
10
ns
tAW
Address Setup Time to
7
8
9
10
ns
Write End
tHA
Address Hold from
0
0
0
0
ns
Write End
tSA
Address Setup Time
0
0
0
0
ns
tPWE(4) WE Pulse Width
7
8
9
10
ns
tSD
Data Setup to Write End
4.5
6
6
7
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
0
4
0
5
0
6
0
7
ns
tLZWE(2) WE HIGH to Low-Z Output
0
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the Write.
4. Tested with OE HIGH.
AC WAVEFORMS
WRITE CYCLE NO. 1 (WE Controlled)(1,2)
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE1
t PWE2
t AW
t HA
HIGH-Z
t HD
t SA
t HZWE
ADDRESS
CE
WE
DOUT
DIN
DATAIN VALID
t LZWE
t SD
CE_WR1.eps


Similar Part No. - IC63LV1024-10J

ManufacturerPart #DatasheetDescription
logo
Sanken electric
IC601 SANKEN-IC601 Datasheet
186Kb / 1P
   SANKEN / STRW6554A ZIP-6 Pin
logo
Panasonic Semiconductor
IC601 PANASONIC-IC601 Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
logo
List of Unclassifed Man...
IC601RSN309W44B ETC-IC601RSN309W44B Datasheet
172Kb / 1P
   RSN309W44
logo
Renesas Technology Corp
IC61-0644-052 RENESAS-IC61-0644-052 Datasheet
690Kb / 7P
   64-pin LCC Socket
IC61-0644-053 RENESAS-IC61-0644-053 Datasheet
690Kb / 7P
   64-pin LCC Socket
More results

Similar Description - IC63LV1024-10J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com