Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES6128F Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES6128F
Description  Vibratto-S DVD Processor Product Brief
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6128F Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES6128F Datasheet HTML 1Page - ESS Technology,Inc ES6128F Datasheet HTML 2Page - ESS Technology,Inc ES6128F Datasheet HTML 3Page - ESS Technology,Inc ES6128F Datasheet HTML 4Page - ESS Technology,Inc ES6128F Datasheet HTML 5Page - ESS Technology,Inc ES6128F Datasheet HTML 6Page - ESS Technology,Inc ES6128F Datasheet HTML 7Page - ESS Technology,Inc ES6128F Datasheet HTML 8Page - ESS Technology,Inc ES6128F Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SAM0523B-031804
ESS Technology, Inc.
ES6168A PRODUCT BRIEF
ES6168A PIN DESCRIPTION
TSD0
33
O
Audio transmit serial data output 0.
SEL_PLL0
I
Refer to the description and matrix for SEL_PLL2 pin 32.
TSD1
36
O
Audio transmit serial data output 1.
SEL_PLL1
I
Refer to the description and matrix for SEL_PLL2 pin 32.
TSD2
37
O
Audio transmit serial data output 2. This pin must be pulled down to VSS via a
4.7-k
Ω resistor for proper operation.
TSD3
38
O
Audio transmit serial data output 3.
MCLK
39
I/O
Audio master clock for audio DAC.
TBCK
40
I/O
Audio transmit bit clock. TBCK is an input during reset and subsequently is
programmed as an output via the AUDIOXMT register (addr 0x2000D00Ch, bit 4).
SEL_PLL3
41
I
Clock source select. Strapped to VCC or ground via 4.7-k
Ω resistor; read only
during reset.
SPDIF_OUT
O
S/PDIF output.
SPDIF_IN
42
I
S/PDIF input; (5V tolerant input).
RSD
45
I
Audio receive serial data; (5V tolerant input).
RWS
46
I
Audio receive frame sync; (5V tolerant input).
RBCK
47
I
Audio receive bit clock; (5V tolerant input).
CAMIN3
48
I
Camera YUV 3.
PIXIN3
I
CCIR656 input pixel 3.
XIN
49
I
27-MHz crystal input.
XOUT
50
O
27-MHz crystal output.
AVEE
51
P
Analog power for PLL.
AVSS
52
G
Analog ground for PLL.
DMA[11:0]
53-58, 61-66
O
DRAM address bus.
DCAS#
69
O
DRAM column address strobe.
DOE#
70
O
DRAM output enable.
DSCK_EN
O
DRAM clock enable.
DWE#
71
O
DRAM write enable.
DRAS#
72
O
DRAM row address strobe.
DMBS0
73
O
DRAM bank select 0.
DMBS1
74
O
DRAM bank select 1.
DB[15:0]
77-82, 85-90, 93-96
I/O
DRAM data bus.
DCS[1:0]#
97,100
O
DRAM chip select.
DQM
101
O
Data input/output mask.
DSCK
102
O
Output clock to DRAM.
Table 1
ES6168A Pin Description (Continued)
Name
Pin Numbers
I/O
Definition
SEL_PLL3
Clock Source
0
Crystal oscillator
1
DCLK input


Similar Part No. - ES6128F

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES6128F ESS-ES6128F Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6128FF ESS-ES6128FF Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
More results

Similar Description - ES6128F

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
   Vibratto-S DVD Processor Product Brief
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
   Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
   DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
   DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
   Vibratto DVD Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com