Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA3U760 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3U760
Description  Silicon epitaxial planar type (cathode common)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3U760 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3U760 Datasheet HTML 1Page - Panasonic Semiconductor MA3U760 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA3U760
Silicon epitaxial planar type (cathode common)
For switching power supply
I Features
• Small U-type package and surface mounting
• High breakdown voltage V
R
• Low forward rise voltage V
F
• Cathode common dual type
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
1 : Anode
2 : Cathode
(Common)
3 : Anode
U-Type Package
Parameter
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
90
V
Average forward current
IF(AV)
5A
Non-repetitive peak forward
IFSM
40
A
surge current*
Junction temperature
Tj
−40 to +125
°C
Storage temperature
Tstg
−40 to +125
°C
Note) * : Half sine-wave: 10 ms/cycle
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 90 V, TC = 25
°C
1.0
mA
Forward voltage (DC)
VF
IF = 2.5 A, TC = 25
°C
0.85
V
Thermal resistance*
Rth(j-c)
Between junction and case
12.5
°C/W
I Electrical Characteristics T
a = 25
°C
Note) 1. Rated input/output frequency: 1 000 MHz
2. * : TC = 25
°C
6.5
± 0.1
5.3
± 0.1
4.35
± 0.1
4.6
± 0.1
2.3
± 0.1
0.75
± 0.1
123
0.93
± 0.1
2.3
± 0.1
0.5
± 0.1
0.5
± 0.1
0.1
± 0.05
1.0
± 0.1


Similar Part No. - MA3U760

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3U749 PANASONIC-MA3U749 Datasheet
40Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3U755 PANASONIC-MA3U755 Datasheet
39Kb / 2P
   Silicon epitaxial planar type (cathode common)
More results

Similar Description - MA3U760

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3S781E PANASONIC-MA3S781E Datasheet
45Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3U755 PANASONIC-MA3U755 Datasheet
39Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3D798 PANASONIC-MA3D798 Datasheet
40Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA7D56 PANASONIC-MA7D56 Datasheet
72Kb / 3P
   Silicon epitaxial planar type (cathode common)
MA7D50 PANASONIC-MA7D50 Datasheet
66Kb / 3P
   Silicon epitaxial planar type (cathode common)
MA3XD14E PANASONIC-MA3XD14E Datasheet
44Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3D752 PANASONIC-MA3D752 Datasheet
43Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3D756 PANASONIC-MA3D756 Datasheet
43Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3D760 PANASONIC-MA3D760 Datasheet
42Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3D755 PANASONIC-MA3D755 Datasheet
42Kb / 2P
   Silicon epitaxial planar type (cathode common)
MA3G751 PANASONIC-MA3G751 Datasheet
70Kb / 3P
   Silicon epitaxial planar type (cathode common)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com