Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6601HA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS6601HA
Description  Tact Switch Series (6x6mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TS6601HA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS6601HA Datasheet HTML 1Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 2Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 3Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 4Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 5Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 6Page - List of Unclassifed Manufacturers TS6601HA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9mm Metal Shaft Rotary Potentiometer
(9mm 金屬軸旋轉電位器)
TACTING
SWITCH
SPECIFICATION
1. GENERAL
1.1 Scope
This specification covers the requirements for single key switches which have no
keytop(TACT SWITCHES:MECHANICAL CONTACT).
1.2 Operating Temperature Range
-20 to 70
°C (normal humidity, normal press.)
1.3 Storage Temperature Range
-30 to 80
°C (normal humidity, normal press.)
1.4 Test Conditions
Tests and measurements shall be made in the following standard conditions unless
otherwise specified:
Normal temperature (temperature 5 to 35
°C)
Normal humidity (relative humidity 45 to 85%)
Normal pressure (pressure 860 to 1060 m bars)
In case any question arises from the judgement made, tests shall be conducted in the
following conditions:
Temperature
(20
±2°C)
Relative humidity
(65
±5%)
Pressure
(860 to 1060 m bars)
2. APPEARANCE, STYLE, AND DIMENSIONS
2.1 Appearance
There shall be no defects that affect the serviceability of the product.
2.2 Style and Dimensions
Shall conform to the assembly drawings.
3. TYPE OF ACTUATION
Tactile
feedback
4. CONTACT ARRANGEMENT
1
poles
1
throws
(Details of contact arrangement are given in the assembly drawings.)
5. MAXIMUM RATINGS
DC
12
V
50
Ma
PART NO:
TS6601H
1/6
Tact Switch Series (6x6mm)


Similar Part No. - TS6601HA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
More results

Similar Description - TS6601HA

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
logo
List of Unclassifed Man...
430152050826 ETC-430152050826 Datasheet
58Kb / 1P
   SWTACT WS-TSS 6X6MM TACT SWITCH, SMD VERSION
logo
Wurth Elektronik GmbH &...
4312X6XXX7X6 WURTH-4312X6XXX7X6 Datasheet
102Kb / 1P
   WS-TATU 6x6mm right angle Tact Switch, THT version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com