Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8384 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8384
Description  10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8384 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8384 Datasheet HTML 4Page - Analog Devices AD8384 Datasheet HTML 5Page - Analog Devices AD8384 Datasheet HTML 6Page - Analog Devices AD8384 Datasheet HTML 7Page - Analog Devices AD8384 Datasheet HTML 8Page - Analog Devices AD8384 Datasheet HTML 9Page - Analog Devices AD8384 Datasheet HTML 10Page - Analog Devices AD8384 Datasheet HTML 11Page - Analog Devices AD8384 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8384
Rev. 0 | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
Table 6. AD8384 Stress Ratings9
Parameter
Rating
Supply Voltages
AVCCx – AGNDx
18 V
DVCC – DGND
4.5 V
Input Voltages
Maximum Digital Input Voltage
DVCC + 0.5 V
Minimum Digital Input Voltage
DGND – 0.5 V
Maximum Analog Input Voltage
AVCC + 0.5 V
Minimum Analog Input Voltages
AGND – 0.5 V
Internal Power Dissipation10
TQFP E-Pad Package @ TA = 25°C
4.16 W
Operating Temperature Range
0°C to 85°C
Storage Temperature Range
–65°C to +125°C
Lead Temperature Range (Soldering 10 sec)
300°C
9 Stresses above those listed under the Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those
indicated in the operational section of this specification is not implied.
Exposure to the absolute maximum ratings for extended periods may
reduce device reliability.
10 80-lead TQFP E-pad package:
θJA = 24°C/W (JEDEC STD, 4-layer PCB in still air)
θJC = 16°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8384 is limited by its junction temperature. The maximum
safe junction temperature for plastic encapsulated devices, as
determined by the glass transition temperature of the plastic, is
approximately 150°C. Exceeding this limit temporarily may
cause a shift in the parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175°C for an extended period can
result in device failure.
OPERATING TEMPERATURE RANGE
Although the maximum safe operating junction temperature is
higher, the AD8384 is 100% tested at a junction temperature of
125°C. Consequently, the maximum guaranteed operating
junction temperature is 125°C.
To ensure operation within the specified temperature range, it is
necessary to limit the maximum power dissipation as follows:
)
(
5
.
0
)
(
lfm
Airflow
T
T
P
JA
A
JMAX
DMAX
×
θ
OVERLOAD PROTECTION
The AD8384 employs a 2-stage overload protection circuit that
consists of an output current limiter and a thermal shutdown.
The maximum current at any one output of the AD8384 is, on
average, internally limited to 100 mA. In the event of a momen-
tary short circuit between a video output and a power supply
rail (VCC or AGND), the output current limit is sufficiently low
to provide temporary protection.
The thermal shutdown debiases the output amplifier when the
junction temperature reaches the internally set trip point. In the
event of an extended short-circuit between a video output and a
power supply rail, the output amplifier current continues to
switch between 0 mA and 100 mA typical with a period deter-
mined by the thermal time constant and the hysteresis of the
thermal trip point. Thermal shutdown provides long term pro-
tection by limiting average junction temperature to a safe level.
EXPOSED PADDLE
To ensure optimized thermal performance, the exposed paddle
must be thermally connected to an external plane, such as
AVCC or GND, as described in the Application Notes.
1.0
2.0
1.5
2.5
85
80
70
75
65
90
95
100
105
AMBIENT TEMPERATURE (°C)
100MHz
60Hz XGA
QUIESCENT
STILL AIR
200lfm
500lfm
Figure 2. Maximum Power Dissipation vs. Temperature*
*AD8384 on a 4-layer JEDEC PCB with thermally optimized landing pattern, as
described in the Application Notes.
Note:
When operating under the conditions specified in this
data sheet, the AD8384’s quiescent power dissipation is 1.1 W.
When driving a 6-channel XGA panel with a 150 pF input
capacitance, the AD8384 dissipates a total of 1.58 W when
displaying 1-pixel-wide alternating white and black vertical
lines generated by a standard 60 Hz XGA input video. When the
pixel clock frequency is raised to 100 MHz (the AD8384’s
maximum specified operating frequency), total power
dissipation increases to 1.83 W. Figure 2 shows these specific
power dissipations.


Similar Part No. - AD8384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
More results

Similar Description - AD8384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com