Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2905Y33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS2905Y33
Description  500mA CMOS LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS2905Y33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS2905Y33 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2905Y33 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.globaltechsemi.com
1
GS2905
GS2905
500mA CMOS LDO Voltage Regulator
Product Description
The GS2905 series is a group of positive voltage output, three-pin regulators, that provide
a high current even when the input/output voltage differential is small. Low power
consumption and high accuracy is achieved through CMOS and programmable fuse
technologies. Output voltage: 1.5V to 6.0V.
The GS2905 consists of a high-precision voltage reference, an error correction circuit, and
a current limited output driver. Transient response to load variations has improved in
comparison to the existing series.
The GS2905 incorporates both over-temperature and over-current protection. SOT-89 and
SOT-223 packages are available.
Features
Applications
n
Maximum output current: 500mA
n
Highly accurate: Output voltage ± 1.4%
(± 1% for semi-custom products)
n
Low power consumption
n
Over-Current and Over-temperature
Protection
n
Small input/output differential:0.3V at
300mA
n
Wireless Communication Systems
n
Battery-Operated Systems
n
Portable Computer
n
Portable Cameras and Video Recorders
n
Voltage Regulator for Microprocessor
n
Reference Voltage Sources
n
Voltage Regulator for CD- ROM Drivers,
LAN Cards and DVD.
n
Instrumentation
n
Pagers


Similar Part No. - GS2905Y33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N15 ETC1-GS2911N15 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N18 ETC1-GS2911N18 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N20 ETC1-GS2911N20 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N25 ETC1-GS2911N25 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results

Similar Description - GS2905Y33

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com