Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3882ET Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3882ET
Description  Dual-Channel Automotive CCFL Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3882ET Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3882ET Datasheet HTML 4Page - Maxim Integrated Products DS3882ET Datasheet HTML 5Page - Maxim Integrated Products DS3882ET Datasheet HTML 6Page - Maxim Integrated Products DS3882ET Datasheet HTML 7Page - Maxim Integrated Products DS3882ET Datasheet HTML 8Page - Maxim Integrated Products DS3882ET Datasheet HTML 9Page - Maxim Integrated Products DS3882ET Datasheet HTML 10Page - Maxim Integrated Products DS3882ET Datasheet HTML 11Page - Maxim Integrated Products DS3882ET Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Dual-Channel Automotive CCFL Controller
8
_____________________________________________________________________
Pin Description (continued)
NAME
PIN
FUNCTION
POSC
9
DPWM Oscillator Resistor Adjust. A resistor to ground on this lead sets the frequency of the DPWM
oscillator. This lead can optionally accept a 22.5Hz to 440Hz clock that will become the source timing of
the internal DPWM signal.
A1
10
Address Select Input. Determines I2C slave address.
GND_S
11
I2C Interface Ground Connection. GND_S must be at the same potential as GND.
SVML
12
Low-Supply Voltage Monitor Input. Used to monitor the inverter voltage for undervoltage conditions.
SVMH
13
High-Supply Voltage Monitor Input. Used to monitor the inverter voltage for overvoltage conditions.
VCC
14, 24
Power-Supply Connections. Both pins must be connected.
N.C.
19
No Connection. Do not connect any signal to this pin.
STEP
20
Lamp Frequency Step Input. This active-high digital input moves the lamp oscillator frequency up or
down by 1%, 2%, 3%, or 4% as configured in the EMIC register. This pin is logically ORed with
the STEPE bit in the EMIC register.
GND
21
Ground Connection
LCO
22
Lamp Current Overdrive Enable Input. A high digital level at this input enables the lamp current
overdrive circuit. The amount of overdrive current is configured by the LCOC register. When this input is
low, the lamp current is set to its nominal level. This pin is logically ORed with the LCOE bit in the LCOC
register.
PDN
23
Lamp On/Off Control Input. A low digital level at this input turns the lamp on. A high digital level turns the
lamps off, clears the fault logic, and places the device into the power-down mode. The high-to-low
transition on this input issues a controller reset, which clears the fault logic and reinitiates a lamp strike.
This pin is logically ORed with the PDNE bit in the CR2 register.


Similar Part No. - DS3882ET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3882E MAXIM-DS3882E Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
More results

Similar Description - DS3882ET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3882 MAXIM-DS3882_10 Datasheet
455Kb / 31P
   Dual-Channel Automotive CCFL Controller
Rev 2; 12/10
DS3881 MAXIM-DS3881 Datasheet
489Kb / 28P
   Single-Channel Automotive CCFL Controller
Rev 0; 3/06
logo
List of Unclassifed Man...
BI3101A ETC1-BI3101A Datasheet
314Kb / 9P
   DUAL RWM CCFL CONTROLLER
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
   Dual PWM CCFL Controller
ES-1115N-LXAE ADVANTECH-ES-1115N-LXAE Datasheet
619Kb / 6P
   Dual PWM CCFL Controller
ES-1115R-LXAE ADVANTECH-ES-1115R-LXAE Datasheet
619Kb / 6P
   Dual PWM CCFL Controller
logo
List of Unclassifed Man...
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
   High Efficiency Dual ZVS CCFL Controller
logo
Maxim Integrated Produc...
DS3992 MAXIM-DS3992 Datasheet
225Kb / 13P
   Two-Channel, Push-Pull CCFL Controller
Rev 0; 9/06
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
   CCFL Brightness Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com