Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP2206N3 Datasheet(PDF) 4 Page - Supertex, Inc

Part # VP2206N3
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP2206N3 Datasheet(HTML) 4 Page - Supertex, Inc

  VP2206N3 Datasheet HTML 1Page - Supertex, Inc VP2206N3 Datasheet HTML 2Page - Supertex, Inc VP2206N3 Datasheet HTML 3Page - Supertex, Inc VP2206N3 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Gate Drive Dynamic Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
400
0
-10
-20
-30
-40
300
200
0
0-2
-4-6-8
-10
-10
-8
-6
-4
-2
0
-50
0
50
100
150
1.1
1.0
5
2
1.2
1.1
1.0
0.9
0.8
0.7
-10
-8
-6
-4
-2
024
6
810
-50
0
50
100
150
310 pF
VGS = -10V
125°C
0-2
-4
-6
-10
-8
0
3
4
f = 1MHz
0.9
725 pF
2.0
1.6
1.2
0.8
0.4
0
V(th)@ -1mA
RDS(ON) @ -10V, -3.5A
25°C
100
0
1
VGS = -5V
Tj (°C)
ID (amperes)
BVDSS Variation with Temperature
VDS = -25V
Tj (°C)
V(th) and RDS Variation with Temperature
VGS (volts)
TA = -55°C
QG (nanocoulombs)
VDS (volts)
CISS
COSS
CRSS
VDS = -40V
VDS = -10V
VP2206
Typical Performance Curves


Similar Part No. - VP2206N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP2206N3-G SUTEX-VP2206N3-G Datasheet
757Kb / 6P
   P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP2206N3-G MICROCHIP-VP2206N3-G Datasheet
824Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
VP2206N3-G-P013 MICROCHIP-VP2206N3-G-P013 Datasheet
824Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
More results

Similar Description - VP2206N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com