Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR086 Datasheet(PDF) 6 Page - Supertex, Inc

Part # SR086
Description  Adjustable Off-Line Inductorless Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR086 Datasheet(HTML) 6 Page - Supertex, Inc

  SR086 Datasheet HTML 1Page - Supertex, Inc SR086 Datasheet HTML 2Page - Supertex, Inc SR086 Datasheet HTML 3Page - Supertex, Inc SR086 Datasheet HTML 4Page - Supertex, Inc SR086 Datasheet HTML 5Page - Supertex, Inc SR086 Datasheet HTML 6Page - Supertex, Inc SR086 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NR040306
SR086/SR087
Line Transformer
During initial testing it is tempting to use an isolation
transformer or a variable transformer on the AC line.
However, the high inductance of the transformer (frequently
in the mH’s) interferes with the normal operation of the
SR08x and should not be used. This is not a concern with
the normal inductance of the AC line or for AC line filters.
The SR08x draws current from the AC line in short, high
current pulses. The transformer’s high inductance tends to
limit the current pulse. Furthermore, inductive kickback on
the falling edge of the current pulse can create high voltage
spikes which must be absorbed by the transient protector.
EMI Capacitor
The use of a small-value capacitor from circuit common to
earth ground prevents the SR08x from operating and should
not be employed.
EMI
The SR08x circuit as depicted on Page 1, (Typical Application
Circuit), meets FCC Class B and CISPR 14-1 (household
appliances) requirements for conducted emissions, for
combined loads of less than 20mA (I
OUT + IREG).
SR08x &
Circuitry
AC Line
AC Line
SR08x &
Circuitry
earth
ground
circuit
common
Fuse
Although the average current drawn from the AC line is low,
the RMS current is fairly high due to the current being drawn in
short, high-current pulses. Since a fuse is basically a resistor
with a power dissipation given by I
RMS
2 R, the fuse must be
sized for the RMS current, not the average current. For a 1W
load and 120VAC the RMS current is 700mA
RMS, and for a
0.5W load at 230VAC it is 360mA
RMS.
Transient Protection
The transient protector must be located before the bridge
rectifier. The reason for this is to minimize capacitance to
allow the rectified AC to fall below V
OUT.
Since there is no capacitor to absorb AC line transients,
complete transient protection must be provided by the TVS or
MOV device. Since the recommended IGBT is rated at 1.2kV
and the SRO8x never sees the full input voltage, the bridge
rectifier becomes the limiting element when selection an MOV.
If using a 1.0kV bridge, an MOV having a clamping voltage of
< 1.0kV is recommended.
Load
Total load on the SR08x is the total load current drawn from
V
OUT (IOUT) and, since the linear regulator is supplied from VOUT,
it also includes the current drawn from V
REG (IREG). Total load is
calculated as follows:
I
LOAD = IOUT + IREG
P
LOAD = VOUT (IOUT + IREG )
UPS
The SR08x will not operate from uninterruptable power
supplies having a square wave output. This type of output is
usually referred to as ‘modified sine wave’


Similar Part No. - SR086

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
SR086SG-G MICROCHIP-SR086SG-G Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
More results

Similar Description - SR086

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Supertex, Inc
SR036 SUTEX-SR036_04 Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
SR036 SUTEX-SR036 Datasheet
490Kb / 7P
   Inductorless, Dual Output Off-Line Regulators
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
   Off-Line Quasi-Resonant Switching Regulator
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com