Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9910NG Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9910NG
Description  Universal High Brightness LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9910NG Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV9910NG Datasheet HTML 2Page - Supertex, Inc HV9910NG Datasheet HTML 3Page - Supertex, Inc HV9910NG Datasheet HTML 4Page - Supertex, Inc HV9910NG Datasheet HTML 5Page - Supertex, Inc HV9910NG Datasheet HTML 6Page - Supertex, Inc HV9910NG Datasheet HTML 7Page - Supertex, Inc HV9910NG Datasheet HTML 8Page - Supertex, Inc HV9910NG Datasheet HTML 9Page - Supertex, Inc HV9910NG Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HV9910
6
C110504
Inductor Design
Referring to the Typical Application Circuit below
the value can be calculated from the desired peak-
to-peak
LED
ripple
current
in
the
inductor.
Typically, such ripple current is selected to be 30%
of the nominal LED current. In the example given
here, the nominal current ILED is 350mA.
The next step is determining the total voltage drop
across the LED string. For example, when the
string consists of 10 High-Brightness LEDs and
each diode has a forward voltage drop of 3.0V at its
nominal current; the total LED voltage VLEDS is 30V.
Knowing
the
nominal
rectified
input
voltage
VIN=120V*1.41=169V, the switching duty ratio can
be determined, as:
D= VLEDs /VIN=30/169=0.177
Then, given the switching frequency, in this
example fosc=50KHz, the required on-time of the
MOSFET transistor can be calculated:
Ton=D/fosc=3.5 microsecond
The required value of the inductor is given by:
L = (Vin - VLEDs) * Ton/(0.3 * ILED) = 4.6mH
Input Bulk Capacitor
An input filter capacitor should be designed to hold
the rectified AC voltage above twice the LED string
voltage throughout the AC line cycle. Assuming
15% relative voltage ripple across the capacitor, a
simplified formula for the minimum value of the bulk
input capacitor is given by:
Cmin = ILED*VLEDs*0.06/VIN^2
Cmin = 22
µF, a value 22uF/250V can be used.
A passive PFC circuit at the input requires using
two series connected capacitors at the place of
calculated CMIN. Each of these identical capacitors
should be rated for ½ of the input voltage and have
twice as much capacitance.
Enable
The HV9910 can be turned off by pulling the
PWM_D pin to ground. When disabled, the HV9910
draws
quiescent
current
of
less
than
1mA.
Figure 1: Typical Application Circuit
0.2 Ω
AC Input
85-135V AC
68µ F,
160 V
750µΗ ,
LEDs
BYV26B
VN2224
coilcraft
BUSH-2820R5B
VIN
VDD
LD
PW M_D
GND
RT
CS
GATE
0.1µ F,
250 V
0.1µ F,
250 V
1n F,
250 V
1n F,
250 V
2A,
250 V
2R
NTC
1N4004
1N4004
1N4004
1N4004
HV9910
68µ F,
160 V
1N4004
1N4004
1
µF,
10V
optional for PFC
220nF,
400 V
LED(s) – a string of HB LEDs , 16 diodes
280 k


Similar Part No. - HV9910NG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910NG-G SUTEX-HV9910NG-G Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
More results

Similar Description - HV9910NG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com