Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4298 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT4298
Description  Five/Six Channel Push/Pull I/O Expander
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4298 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT4298 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4298 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics
1
V
CC = 5.0V; TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
CC
Supply Voltage Range
1.8
5.5
V
I
Q
Quiescent Current
EN/SET = V
CC = 5V, IOUT = 0,
3.0
10
µA
All Switches ON
EN/SET = GND, V
CC = 5V,
1.0
OUTx = Open
On Resistance P-Channel
V
CC = 5V
2.5
6.0
R
DS(ON)
V
CC = 3.6V
3.0
7.0
On Resistance N-Channel
V
CC = 5V
1.9
6.0
V
CC = 3.6V
2.0
7.0
T
CRDS
On Resistance
2800
ppm/°C
Temperature Coefficient
T
ON
Output Turn-On Time
2
V
CC = 5V, COUT = 100nF; TA = 25°C
1.6
2.7
µs
T
OFF
Output Turn-Off Time
3
V
CC = 5V, COUT = 100nF; TA = 25°C
0.8
2.1
µs
EN/SET
V
EN(L)
Enable Threshold Low
V
IN = 1.8V
0.4
V
V
EN(H)
Enable Threshold High
V
IN = 5.5V
1.4
V
T
EN/SET LO
EN/SET Low Time
0.5
75
µs
T
EN/SET_HI_MIN
Minimum EN/SET High Time
50
ns
T
EN/SET_HI_MAX
Maximum EN/SET High Time
75
µs
T
OFF
EN/SET Off Timeout
500
µs
T
LAT
EN/SET Latch Timeout
500
µs
I
EN/SET
EN/SET Input Leakage
-1
1
µA
AAT4296/98
Five/Six Channel Push/Pull I/O Expander
4
4296.2006.02.1.1
1. The AAT4296/98 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is
assured by design, characterization, and correlation with statistical process controls.
2. T
ON is the time after latch timeout to 90% of the output voltage. See Figure 1.
3. T
OFF is the time after off timeout to 10% of the output voltage. See Figure 1.


Similar Part No. - AAT4298

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4298 AAT-AAT4298 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4298 ANALOGICTECH-AAT4298 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analog Technol...
AAT4298IJQ-T1 AAT-AAT4298IJQ-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4298IJQ-T1 ANALOGICTECH-AAT4298IJQ-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analog Technol...
AAT4298ITP-T1 AAT-AAT4298ITP-T1 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
More results

Similar Description - AAT4298

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4296 AAT-AAT4296 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
Advanced Analogic Techn...
AAT4296 ANALOGICTECH-AAT4296_06 Datasheet
778Kb / 18P
   Five/Six Channel Push/Pull I/O Expander
logo
SiGe Semiconductor, Inc...
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
   Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
   Six-Channel Push/Pull I/O Expander with Serial Control
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com