Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1118 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT1118
Description  ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1118 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT1118 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1118 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
˚”~H]¶ßø
Page 6 of 18
V 1.0
AAT1118/A/B
Electrical Characteristics, VDD= 3.3V, VDDH= 10V
Soft Start & Fault Detect Time
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX UNIT
Channel 1 Soft Start Time
SS1
t
14
ms
Channel 2 Soft Start Time
SS2
t
3.5
ms
Channel 3 Soft Start Time
SS3
t
3.5
ms
Channel 1 to Channel 2
Delay
D12
t
AAT1118A
7
ms
Channel 2 to Channel 3
Delay
D23
t
AAT1118B
10.5
ms
During Fault Protect Trigger
Time
FP
t
83
ms
IN1 Fault Protection Voltage
F1
V
1.05
1.10
1.15
V
IN2 Fault Protection Voltage
F2
V
0.08
0.13
0.18
V
IN3 Fault Protection Voltage
F3
V
1.05
1.10
1.15
V ‡


Similar Part No. - AAT1118

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
More results

Similar Description - AAT1118

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1118 AAT-AAT1118_2 Datasheet
456Kb / 14P
   ADJUSTABLE TRIPLE-CHANNEL TFT LCD DC-DC CONVERTER
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Maxim Integrated Produc...
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
MAX1779 MAXIM-MAX1779 Datasheet
503Kb / 18P
   Low-Power Triple-Output TFT LCD DC-DC Converter
19-1795; Rev 0; 11/00
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Linear Technology
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
   DC/DC Converter for TFT-LCD Panels
logo
Maxim Integrated Produc...
MAX8752 MAXIM-MAX8752 Datasheet
240Kb / 12P
   TFT LCD Step-Up DC-DC Converter
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com