Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS0919 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0919
Description  GaAs PIN Diode SP2T
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0919 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0919 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N/C = NO INTERNAL CONNECTION
RF 2
50
50
+5V
N/C
GND
CONT
“0”
RF 1
RF
COM
N/C
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
3.0
5.0
GHz
DC Current
70
100
mA
At +5 VDC Supply
Control Type
TTL
1 Line
Logic “0” = RF COM to RF1
Logic “1” = RF COM to RF2
Control Current
High
0
±40
µA
VIH = +2.7V
Low
0
±40
µA
VIL = +0.5V
Insertion Loss
1.8
3.0
dB
Isolation
120
124
dB
VSWR
Thru
1.5/1
2.0/1
Termination
1.6/1
2.0/1
Impedance
50
OHMS
Switching Speed
24
35
nSEC
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
2
nSEC
90% / 10% or 10% / 90% RF
Switching (Video) Transients
2.5
mV
Peak Value
RF Power
Operate
+10
+7
dBm
0.1 dB Compression
No Damage
+13
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25 °C
FREQUENCY (GHz)
0
40
80
120
160
4.0
2.0
3.2
5.2
6.0
0
1.0
2.0
3.0
4.0
1.0
1.5
2.0
2.5
3.0
ISO
I. LOSS
VSWR
.012±.002 DIA 3 PLACES
PATTERN MATES WITH
W.L. GORE ULTRA LOW
LOSS FLEXIBLE CABLE
#4LZEZS01004.0
.063
.388
.224
3 PLACES
.040
3 PLS
.xx = .02
.xxx = .010
.070
.148
MAX
.112
REF
.224
REF
.063
2 PLACES
.063
2 PLACES
RF
COMMON
RF1
RF2
.625
.375
.500
.250
.750
1.000
9 PLACES
.015±.002 DIA
.100
5 PLACES
.650
.175
PART
IDENTIFICATION
.500
C
L
MODEL NO.
DS0919
GaAs PIN Diode SP2T
FEATURES
3 - 5 GHz
1.8 dB Insertion Loss
124 dB Isolation
24 nSec Switching Speed
Non-Reflective
TTL Driver
SMA Connectors
SP2 T
D A ICO
I ndustries


Similar Part No. - DS0919

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0918 DAICO-DS0918 Datasheet
182Kb / 1P
   GaAs SP16T
More results

Similar Description - DS0919

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4GC6773 MACOM-MA4GC6773 Datasheet
150Kb / 3P
   77 GHz GaAs SP2T PIN Diode Switch
logo
DAICO Industries, Inc.
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
   PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
   PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
   PIN Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
   PIN Diode SP2T
DS0966-1 DAICO-DS0966-1 Datasheet
156Kb / 1P
   PIN Diode SP2T
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
   PIN Diode SP2T
DS0052 DAICO-DS0052 Datasheet
53Kb / 1P
   PIN Diode SP2T
DS0612 DAICO-DS0612 Datasheet
165Kb / 1P
   Pin Diode SP2T
DSW29029 DAICO-DSW29029 Datasheet
38Kb / 1P
   PIN Diode SP2T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com