Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA3S132A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3S132A
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3S132A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3S132A Datasheet HTML 1Page - Panasonic Semiconductor MA3S132A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
Note) * : t = 1 s
MA3S132A
Silicon epitaxial planar type
For switching circuits
I Features
• Short reverse recovery time t
rr
• Small terminal capacitance, C
t
• Super-small SS-mini type package, allowing high-density mount-
ing
I Absolute Maximum Ratings T
a = 25°C
1 : Cathode
2 : NC
3 : Anode
SS-Mini Type Package (3-pin)
Unit : mm
Internal Connection
Marking Symbol: MB
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR
= 75 V
100
nA
Forward voltage (DC)
VF
IF
= 100 mA
1.2
V
Reverse voltage (DC)
VR
IR = 100 µA80
V
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
2
pF
Reverse recovery time*
trr
IF
= 10 mA, V
R
= 6 V
3
ns
Irr = 0.1 · IR, RL = 100
I Electrical Characteristics T
a
= 25°C
Note) 1. Rated input/output frequency: 100 MHz
2. * : trr measuring circuit
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
80
V
Peak reverse voltage
VRM
80
V
Forward current (DC)
IF
100
mA
Peak forward current
IFM
225
mA
Non-repetitive peak forward
IFSM
500
mA
surge current*
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
1.60
± 0.1
0.80
1
2
0.44
0.44
3
0.80
± 0.05
0.88
+ 0.05
− 0.03
1
2
3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA3S132A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3S132A PANASONIC-MA3S132A Datasheet
106Kb / 4P
   Silicon epitaxial planar type
More results

Similar Description - MA3S132A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com