Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA10700 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA10700
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA10700 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA10700 Datasheet HTML 1Page - Panasonic Semiconductor MA10700 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA3J700
Silicon epitaxial planar type
For high-frequency rectification
I Features
• S-mini type 3-pin package
• Allowing to rectify under (I
F(AV) = 500 mA) condition
• Optimum for high-frequency rectification because of its short
reverse recovery time (trr)
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
40
V
Repetitive peak reverse voltage
VRRM
40
V
Average forward current
IF(AV)
500
mA
Non-repetitive peak forward
IFSM
2A
surge current*
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +150
°C
1 : Anode
2 : NC
3 : Cathode
Flat S-Mini Type Package (3-pin)
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave
(non-repetitive)
Internal Connection
Marking Symbol: M2W
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 35 V
100
µA
Forward voltage (DC)
VF
IF = 500 mA
0.55
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
60
pF
Reverse recovery time*
trr
IF = IR = 100 mA
5
ns
Irr = 0.1 · IR, RL = 100 Ω
I Electrical Characteristics T
a
= 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment.
2. Rated input/output frequency: 400 MHz
3. * : trr measuring circuit
1
2
3
1.25
± 0.1
0.425
0.425
2.1
± 0.1
1
2
3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA10700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10701 PANASONIC-MA10701 Datasheet
48Kb / 2P
   Silicon epitaxial planar type
MA10702 PANASONIC-MA10702 Datasheet
76Kb / 3P
   Silicon epitaxial planar type
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
   Schottky Barrier Diodes (SBD)
MA10705 PANASONIC-MA10705 Datasheet
44Kb / 2P
   Schottky Barrier Diodes (SBD)
More results

Similar Description - MA10700

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com