Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHD09297 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CHD09297
Description  4 Channel Up-Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CHD09297 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CHD09297 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
CHD09297
4 Channel Up-Converter
UNIT DESCRIPTION
MFA
DA I C O
I ndustries
J1
J3 F0
J4 F1
J2 IF
J5 F2
J6 F3
J8
J7
PART IDENTIFICATION
4.50
5.00
CONNECTOR, MALE, 15 PIN
M24308/4-11
2X SCREW LOCK ASSY
M24308/26
7X CONNECTOR, SMA
FEMALE
1.00
.670
.670
.340
.300
The input to the unit is a wideband AM and PM
modulated IF carrier in the VHF band. The IF
signal is power divided into four (4) channels
and up-converted to separate UHF bands. Any
combination of the four bands can be selected
and combined in one primary RF output. The
output level is controlled by a four bit digital
attenuator with 45dB range. The unit has a
second, selectable RF output to monitor the
primary RF output.
Rev. 6 / Iss. 2
IF
J2
INPUT
LO (F0)
INPUT
LO (F1)
INPUT
LO (F3)
INPUT
LO (F2)
INPUT
MIXER
J6
J5
J4
J3
IF
BPF
F3+IF
BPF
AMPL
ISOL
RF AMPLIFIER
ATTENUATOR/
ADJUSTABLE
MAIN
OUTPUT
J7
OUTPUT
SAMPLING
J8
4-BIT
ATTEN
3,6,12,24
BPF
-11dB
COUPLER
COUPLER OUTPUT
SPST
BLANKING
SWITCH
IF
BPF
IF
BPF
IF
BPF
F2+IF
BPF
F1+IF
BPF
F0+IF
BPF
F3+IF
BPF
F2+IF
BPF
F1+IF
BPF
F0+IF
BPF
J1 PIN DESIGNATIONS
NOMENCLATURE
PIN NO.
BD_0
J1-1
BD_1
J1-2
BD_2
J1-3
BD_3
J1-4
ATT_0 (3 DB)
J1-5
ATT_1 (6 DB)
J1-6
ATT_2 (12 DB)
J1-7
ATT_3 (24 DB)
J1-8
RF SAMPLE SELECT
J1-9
+15VDC
J1-10
GND
J1-11
-15VDC
J1-12
GND
J1-13
+5 VDC
J1-14
-5.2 VDC
J1-15


Similar Part No. - CHD09297

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
   Output Signal Distribution Unit
More results

Similar Description - CHD09297

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH_15 Datasheet
1Mb / 10P
   Up-Converter
XU1010-QH MA-COM-XU1010-QH Datasheet
913Kb / 5P
   Up Converter
XU1010-QH MA-COM-XU1010-QH_15 Datasheet
913Kb / 5P
   Up Converter
logo
Intersil Corporation
EL7584 INTERSIL-EL7584 Datasheet
860Kb / 16P
   4-Channel DC:DC Converter
logo
M/A-COM Technology Solu...
MAUC-010506 MA-COM-MAUC-010506_15 Datasheet
866Kb / 7P
   Up Converter
MAUC-010515-V3 MA-COM-MAUC-010515-V3 Datasheet
652Kb / 7P
   Up Converter
MAUC-011003 MA-COM-MAUC-011003 Datasheet
974Kb / 8P
   Up Converter
logo
Advanced Analog Technol...
AAT1103 AAT-AAT1103 Datasheet
25Kb / 1P
   SINGLE-CHANNEL STEP UP DC/DC CONVERTER
logo
Linear Technology
LTC3787EUFD LINER-LTC3787EUFD Datasheet
907Kb / 8P
   4-Phase High Current Synchronous Step-Up Converter
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com