Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100D1788 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100D1788
Description  4 Port Antenna Selector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100D1788 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100D1788 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
100D1788
FEATURES
Connects R/T to 4 Antennas (Upper, Lower, ADF
or Satcom.
ADF Overide with Key Interlock Prevents
Transmission into the ADF Port
Failsafe Mode Connects R/T to Lower Antenna in
the Event of a Power Loss
Auto Mode Cycles Between Upper and Lower Antenna
Using Solid State Relay Saver Circuitry for Reliability
Key Function with Memory Automatically Selects the
Antenna on which the Last Signal was Received
BIT Port for Functionality Test in Aircraft. Available on
Separate SMA Connector or J1 Control Connector
HDI
DA ICO
I ndustries
Rev. E / Iss. 1
J3
K3
J2
J4
J5
SOLID STATE
SWITCH U/O
AUTO SEARCH
MODE
LOGIC/MEMORY
SWITCH DRIVER
J1
TO SOLID STATE
SWITCH U/O
AUTO SEARCH
RECEIVE MODE
TO ELECTRO-MECHANICAL
SWITCH U/O TRANSMIT MODE
OR MANUAL OVER-RIDE MODE
S1
K1
K4
R/T
LOWER
ANT
UPPER
ANT
SATCOM
ANT
UHF/DF
ANT
SHOWN IN AUTO CYCLE MODE
J6
.xx = .02
.xxx = .010
1.71
PART IDENTIFICATION
& SER NO.
ON FARSIDE
M3470W14-15P
(MIL-C-26482)
(Series 2)
J2 THRU J6
TNC FEMALE PER
MIL-C-39012
.09
1.21
.53
.75
3.00
MAX
.196 DIA THRU
4 HOLES
4.00
TP1 CONNECTOR,SMA
FEMALE (WITH CHAIN-HELD
DUST COVER)
1.44
TP1
J1
J4
J5
J6
J3
J2
4.85
5.25
.56
2.85
3.85
.48 TYP
.38
1.63
.50
.28
.63
.19
.55
2.625
2.00
.50
MOUNTING
SURFACES
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
225
400
MHz
DC Current
150
mA
At +28 VDC Supply
Insertion Loss
0.8
dB
Isolation
30
dB
VSWR
1.35/1
Impedance
50
OHMS
Switching Speed
5
mSec
RF Power
Operate
100
W
Average
500
W
Peak
Operating Temperature
-54
+25
+71
°C
Intermittent @ +95
°C
Weight
18.2
OZ
GUARANTEED PERFORMANCE
4 Port Antenna Selector


Similar Part No. - 100D1788

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D1797 DAICO-100D1797 Datasheet
26Kb / 1P
   Modulator Sub-Assembly
More results

Similar Description - 100D1788

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D1313 DAICO-100D1313 Datasheet
31Kb / 1P
   4 Port Antenna Selector
DSWX9078 DAICO-DSWX9078 Datasheet
30Kb / 1P
   Antenna Selector 4-Port
100D0988 DAICO-100D0988 Datasheet
23Kb / 1P
   2 Port Antenna Selector
100D0688 DAICO-100D0688 Datasheet
24Kb / 1P
   3 Port Antenna Selector
CSWX9290 DAICO-CSWX9290 Datasheet
39Kb / 1P
   High Power Antenna Selector
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
   Switch Selector UHF Antenna
logo
Laird Tech Smart Techno...
VLQ69273X21G LSTD-VLQ69273X21G Datasheet
591Kb / 2P
   Vehicular 4-Port MIMO Antenna
VLQ24593XN4N LSTD-VLQ24593XN4N Datasheet
1Mb / 2P
   Vehicular 4-Port MIMO Antenna
VLQ69273X22N LSTD-VLQ69273X22N Datasheet
588Kb / 1P
   Vehicular 4-Port MIMO Antenna
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com