Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83L785TS-S Datasheet(PDF) 10 Page - Winbond

Part # W83L785TS-S
Description  H/W Monitoring IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L785TS-S Datasheet(HTML) 10 Page - Winbond

Back Button W83L785TS-S Datasheet HTML 6Page - Winbond W83L785TS-S Datasheet HTML 7Page - Winbond W83L785TS-S Datasheet HTML 8Page - Winbond W83L785TS-S Datasheet HTML 9Page - Winbond W83L785TS-S Datasheet HTML 10Page - Winbond W83L785TS-S Datasheet HTML 11Page - Winbond W83L785TS-S Datasheet HTML 12Page - Winbond W83L785TS-S Datasheet HTML 13Page - Winbond W83L785TS-S Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
W83L785TS-S
Preliminary
Table 2: The CPU OFFSET value and Temperature Fault Limited Value
TFAULT_LIMIT
OFFSET
R1
R2
0000XXXX
85
0
X
10K
0001XXXX
85
22
91K
9.1K
0010XXXX
85
24
30K
5.6K
0011XXXX
85
26
20K
5.6K
0100XXXX
85
28
13K
5.1K
0101XXXX
85
30
91K
4.7K
0110XXXX
85
32
68K
4.7K
0111XXXX
85
34
18K
16K
1000XXXX
90
0
16K
18K
1001XXXX
90
22
5.1K
7.5K
1010XXXX
90
24
4.7K
9.1K
1011XXXX
90
26
4.7K
12K
1100XXXX
90
28
5.1K
18K
1101XXXX
90
30
3K
16K
1110XXXX
90
32
9.1K
91K
1111XXXX
90
34
10K
X
6.5 TEMP_FAULT#
The W83L785TS-S provides a good protection for temperature sensing. The W83L785TS-S
will issue an alert signal when the monitoring temperature exceeds the threshold. Setting pin 6
(TEMP_FAULT#) to monitor temperature and enable TEMP_FAULT# function. When
monitoring CPUT1 (Pin 2) temperature exceeds temperature fault limit (ex: 90oC) in CR26, or
CR27, pin6 TEMP_FAULT# will be asserted. As figure 5 shows.
Figure 5. TEMP_FAULT#
TEMP_FAULT Limit
TEMP_FAULT#
90 DEG
60 DEG
Publication Release Date: April 2002
Revision 0.5
10


Similar Part No. - W83L785TS-S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785R WINBOND-W83L785R Datasheet
282Kb / 22P
   WINBOND H/W MONITORING IC FOR NOTEBOOK
More results

Similar Description - W83L785TS-S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com