Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LVT9637WE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI90LVT9637WE
Description  LVDS High-Speed Differential Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVT9637WE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI90LVT9637WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVT9637WE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PS8667A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV3486/PI90LVT3486
PI90LV9637/PI90LVT9637
LVDS High-Speed Differential Line Receivers
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
P.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
T
h
g
i
H
t
u
p
n
I
l
a
it
n
e
r
e
f
fi
D
d
l
o
h
s
e
r
h
T
V
2
.
1
+
=
m
c
V
)
2
1
(
R +
N
I
,
R -
N
I
0
2
+0
0
1
+
V
m
V L
T
w
o
L
t
u
p
n
I
l
a
it
n
e
r
e
f
fi
D
d
l
o
h
s
e
r
h
T
0
0
1
–0
2
R
M
C
Ve
g
a
tl
o
V
e
d
o
M
-
n
o
m
m
o
C
e
g
n
a
R
V D
I
k
a
e
p
-
o
t
-
k
a
e
p
V
m
0
0
2
=
)
5
(
1
.
06
.
2V
I N
I
t
n
e
r
r
u
C
t
u
p
n
I
V N
I
V
8
.
2
+
=
V C
C
V
0
r
o
6
.
3
+
=
0
1
–1
±0
1
+
A
µ
V N
I
V
0
=0
1
–1
±0
1
+
V N
I
V
6
.
3
+
=V C
C
V
0
=0
2
–0
2
+
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI H
O
V
,
A
m
4
.
0
=
D
I
V
m
0
0
2
+
=
R
T
U
O
7
.
20
.
3
V
I H
O
d
e
t
a
n
i
m
r
e
t
t
u
p
n
I
,
A
m
4
.
0
=
7
.
20
.
3
I H
O
d
e
t
r
o
h
s
t
u
p
n
I
,
A
m
4
.
0
=
7
.
20
.
3
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OI L
O
V
,
A
m
2
=
D
I
V
m
0
0
2
=1
.
05
2
.
0
I S
O
t
n
e
r
r
u
C
ti
u
c
ri
C
t
r
o
h
S
t
u
p
t
u
OV
0
=
t
u
o
V
,
d
e
l
b
a
n
E
)
0
1
(
5
1
–8
4
–0
2
1
–A
m
I Z
O
t
n
e
r
r
u
C
e
t
a
t
S
-
e
e
r
h
T
t
u
p
t
u
OV
,
d
e
l
b
a
s
i
D
T
U
O
V
r
o
V
0
=
C
C
0
1
–1
±0
1
+A
µ
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
N
E
0
.
2V C
C
V
V L
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
D
N
G8
.
0
II
t
n
e
r
r
u
C
t
u
p
n
IV N
I
V
r
o
V
0
=
C
C
V
=
t
u
p
n
I
r
e
h
t
O
,
C
C
D
N
G
r
o0
2
–1
±0
2
+A
µ
V L
C
e
g
a
tl
o
V
p
m
a
l
C
t
u
p
n
II L
C
A
m
8
1
=5
.
1
–8
.
0
–V
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
d
a
o
L
o
N
d
e
l
b
a
n
E
s
r
e
v
i
e
c
e
R
V
=
N
E
C
C
n
e
p
O
s
t
u
p
n
I
,
D
N
G
r
o
V C
C
0
15
1
A
m
n
e
p
O
s
t
u
p
n
I
,
V
5
.
0
r
o
V
4
.
2
=
N
E0
15
1
I Z
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
d
a
o
L
o
N
d
e
l
b
a
s
i
D
s
r
e
v
i
e
c
e
R
n
e
p
O
s
t
u
p
n
I
,
D
N
G
=
N
E7
0
1
CW
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
50
1F
p
R
M
R
E
T
e
c
n
a
d
e
p
m
I
n
o
it
a
n
i
m
r
e
Tx
x
x
x
T
V
L
0
9
I
P0
90
1
13
4
1
ElectricalCharacteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Note 2)


Similar Part No. - PI90LVT9637WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVT02 PERICOM-PI90LVT02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LVT02TEX PERICOM-PI90LVT02TEX Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LVT02TEX PERICOM-PI90LVT02TEX Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
PI90LVT02TX PERICOM-PI90LVT02TX Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LVT048A PERICOM-PI90LVT048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
More results

Similar Description - PI90LVT9637WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com