Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88912LMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88912LMGTR
Description  3.3V 3.2Gbps SONET/SDH LASER DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88912LMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88912LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88912LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88912LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88912LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88912LMGTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
SY88912L
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
16 LEAD EPAD-
Micro LEADFRAME™ (MLF-16)
Rev. 01
Package
EP- Exposed Pad
Die
CompSide Island
Heat Dissipation
Heavy Copper Plane
Heavy Copper Plane
VEE
VEE
Heat Dissipation
PCB Thermal Consideration for 16-Pin MLF™ Package
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY88912LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88912LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com