Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88912LMG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88912LMG
Description  3.3V 3.2Gbps SONET/SDH LASER DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88912LMG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88912LMG Datasheet HTML 1Page - Micrel Semiconductor SY88912LMG Datasheet HTML 2Page - Micrel Semiconductor SY88912LMG Datasheet HTML 3Page - Micrel Semiconductor SY88912LMG Datasheet HTML 4Page - Micrel Semiconductor SY88912LMG Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY88912L
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
D
J
Jitter Generation(2),(3)
20
ps
peak-to-peak
t
r, tf
Rise/Fall Times(2)
—65
ps
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)
V
CC = 3.15 to 3.45V; GND = 0V; TA = –40°C to +85°C
Notes:
1. AC characteristics are guaranteed by design and characterization.
2. I
MOD = 40mA, 25Ω resistors each tied from OUT and /OUT to VCC.
3. I
MOD = 40mA, 2.5Gbps, 0-1 pattern, BW = 12KHz to 20MHz.
Symbol
Parameter
Min.
Typ.(2)
Max.
Unit
Condition
I
CC
Power Supply Current(1)
—65
80
mA
I
MOD = 60mA
I
MOD
Modulation Current Range
10
60
mA
I
MOD_OFF
Modulation Off Current(2)
200
µA
/EN = V
IHEN
V
IDDIN
Input Differential Voltage, D
IN, /DIN
200
1600
mVPP
(3)
V
IHDIN
Input HIGH Voltage, D
IN, /DIN
V
CC –1.7
V
CC –0.1
V
V
ILDIN
Input LOW Voltage, D
IN, /DIN
V
CC –1.9
V
CC –0.3
V
V
IHEN
Input HIGH Voltage, /EN
V
CC –1165
V
CC –880
mV
V
ILEN
Input LOW Voltage, /EN
V
CC –1810
V
CC –1475
mV
V
OUT
Output Voltage, OUT, /OUT
V
CC –1.5
V
CC
V
(4)
V
REF
Reference Voltage1.5
1.7
1.9
V
DC ELECTRICAL CHARACTERISTICS
V
CC = 3.15 to 3.45V; GND = 0V; TA = –40°C to +85°C
Notes:
1. Excluding I
MOD. IMOD ≤ 60mA
2. Typical values are under V
CC = 3.3V and TA = 25°C.
3. V
IDDIN is the voltage required to guarantee a stable logic level. For a logic "1", DIN must be VIDDIN above /DIN. For stable logic "0", DIN must be VIDDIN below /DIN.
4. OUT and /OUT are current outputs. This specification defines the voltage range that the user must guarantee these pins remain within proper operation.
0
10
20
30
40
50
60
70
0.1
1
10
R
SET (kΩ)
I
MOD
vs. R
SET
Figure 1. I
MOD vs. RSET


Similar Part No. - SY88912LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88912LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com