Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88912LMITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88912LMITR
Description  3.3V 3.2Gbps SONET/SDH LASER DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88912LMITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88912LMITR Datasheet HTML 1Page - Micrel Semiconductor SY88912LMITR Datasheet HTML 2Page - Micrel Semiconductor SY88912LMITR Datasheet HTML 3Page - Micrel Semiconductor SY88912LMITR Datasheet HTML 4Page - Micrel Semiconductor SY88912LMITR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY88912L
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
DIN
GND
GND
/DIN
OUT
OUT
/OUT
/OUT
16-Pin MLF™ (MLF-16)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88912LMI
MLF-16
Industrial
912L
Sn-Pb
SY88912LMITR(1)
MLF-16
Industrial
912L
Sn-Pb
SY88912LMG
MLF-16
Industrial
912L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88912LMGTR(1)
MLF-16
Industrial
912L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
Pin
Function
D
IN, /DIN
NRZ differential data inputs.
/EN
PECL compatible active low input.
GND
Most negative power supply input.
OUT, /OUT
Open collector outputs from the modulation
driver.
R
SET
An external resistor between V
REF and RSET
defines the modulation current.
V
CC
Most positive power supply input.
V
REF
Voltage reference for use with R
SET.
PIN NAMES
D
/D
/EN
OUT(2)
/OUT
LHL
H
L
HL
L
L
H
XX
H
H
L
TRUTH TABLE(1)
Notes:
1. L = LOW, H = HIGH, X = don't care.
2. I
OUT ≤ IMOD_OFF when /EN is HIGH.


Similar Part No. - SY88912LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913KC MICREL-SY88913KC Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88912LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com