Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV9637 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV9637
Description  LVDS High-Speed Differential Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV9637 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV9637 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV9637 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8667A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV3486/PI90LVT3486
PI90LV9637/PI90LVT9637
LVDS High-Speed Differential Line Receivers
FunctionTables
Pin Descriptions
e
l
b
a
n
Es
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
Dt
u
p
t
u
O
N
ER +
N
I
R
,
N
I
R T
U
O
HV D
I
V
m
0
0
1H
HV
<
V
m
0
0
1
D
I
V
m
0
0
1
<?
HV D
I
V
m
0
0
1
–L
LX
Z
Hn
e
p
OH
PI90LV/LVT3486
PI90LV/LVT9637
s
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
Dt
u
p
t
u
O
R +
N
I
R
,
N
I
R T
U
O
V D
I
V
m
0
0
1H
V
<
V
m
0
0
1
D
I
V
m
0
0
1
<?
V D
I
V
m
0
0
1
–L
n
e
p
OH
e
m
a
Nn
o
i
t
p
i
r
c
s
e
D
R T
U
O
s
n
i
p
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
R +
N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
e
c
e
r
g
n
it
r
e
v
n
i
-
n
o
N
R
N
I
s
n
i
p
t
u
p
n
i
r
e
v
i
e
c
e
r
g
n
it
r
e
v
n
I
D
N
Gn
i
p
d
n
u
o
r
G
V C
C
%
0
1
±
V
3
.
3
+
,
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
v
it
i
s
o
P
Supply Voltage (VCC) ....................................... –0.3Vto+4.0V
Input Voltage (RIN+, RIN-) ............................... –0.3Vto+3.9V
Enable Input Voltage (EN) ...................... –0.3Vto(VCC+0.3V)
Output Voltage (ROUT) .......................... –0.3Vto(VCC+0.3V)
S Package .................................................................... 750mW
Derate S Package ................................8.2mW/°Cabove+25°C
Storage Temperature Range .......................... –65°Cto+150°C
Lead Temperature Range Soldering (4s) ...................... +260°C
Maximum Junction Temperature .................................. +150°C
ESDRating ...................................................................
≥10kV
Note:
Stresses greater than those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Absolute Maximum Ratings (see Note 1, Page 4)
RecommendedOperatingConditions
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )0
.
3
+3
.
3
+6
.
3
+
V
e
g
a
tl
o
V
t
u
p
n
I
r
e
v
i
e
c
e
RD
N
G0
.
3
+
ri
A
e
e
r
F
g
n
it
a
r
e
p
O
T
(
e
r
u
t
a
r
e
p
m
e
T
A)
0
4
–5
2
+5
8
+C
°


Similar Part No. - PI90LV9637

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV9637U PERICOM-PI90LV9637U Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV9637UE PERICOM-PI90LV9637UE Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV9637WE PERICOM-PI90LV9637WE Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
More results

Similar Description - PI90LV9637

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com