Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV3486 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LV3486
Description  LVDS High-Speed Differential Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV3486 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI90LV3486 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV3486 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS8667A
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV3486/PI90LVT3486
PI90LV9637/PI90LVT9637
LVDS High-Speed Differential Line Receivers
Figure 4. Receiver Three-State Delay Waveforms
Output When
VID = +100mV
Output When
VID = -100mV
EN* When EN = GND
EN When EN* = VCC
3V
0V
0.5V
0.5V
50%
50%
1.5V
1.5V
1.5V
1.5V
tPZL
tPZH
VCC
GND
tPLZ
tPHZ
0V
3V
VOH
VOL
Figure5.Point-to-PointApplication
ANY LVDS DRIVER
Enable
Data
Input
1/4 PI90LV3486
Data
Output
RT
+
100
Balanced System


Similar Part No. - PI90LV3486

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
PI90LV3811A PERICOM-PI90LV3811A Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
PI90LV386AE PERICOM-PI90LV386AE Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results

Similar Description - PI90LV3486

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV032A PERICOM-PI90LV032A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com