Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW5IC2030GNBR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MW5IC2030GNBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW5IC2030GNBR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MW5IC2030GNBR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW5IC2030GNBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MW5IC2030NBR1 MW5IC2030GNBR1
1
RF Device Data
Freescale Semiconductor
RF LDMOS Wideband Integrated
Power Amplifiers
The MW5IC2030N wideband integrated circuit is designed with on -chip
matching that makes it usable from 1930 to 1990 MHz. This multi -stage
structure is rated for 26 to 28 Volt operation and covers all typical cellular base
station modulation formats.
Final Application
• Typical CDMA Performance: VDD = 27 Volts, IDQ1 = 160 mA,
IDQ2 = 230 mA, Pout = 5 Watts Avg., Full Frequency Band, IS-95 CDMA
(Pilot, Sync, Paging, Traffic Codes 8 Through 13), Channel Bandwidth =
1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain — 23 dB
Drain Efficiency — 20%
ACPR @ 885 kHz Offset — -49 dBc in 30 kHz Channel Bandwidth
Driver Application
• Typical CDMA Performance: VDD = 27 Volts, IDQ1 = 220 mA, IDQ2 =
240 mA, Pout = 1 Watt Avg., Full Frequency Band, IS-95 CDMA (Pilot,
Sync, Paging, Traffic Codes 8 Through 13), Channel Bandwidth =
1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain — 24 dB
ACPR @ 885 kHz Offset — -63 dBc in 30 kHz Channel Bandwidth
• Capable of Handling 10:1 VSWR, @ 27 Vdc, 1990 MHz, 30 Watts CW
Output Power
• Stable into a 3:1 VSWR. All Spurs Below -60 dBc @ 0 to 43 dBm CW
Pout.
• On-Chip Matching (50 Ohm Input, >4 Ohm Output)
• Integrated Temperature Compensation Capability with Enable/Disable
Function
• On-Chip Current Mirror gm Reference FET for Self Biasing Application (1)
• Integrated ESD Protection
• 200°C Capable Plastic Package
• N Suffix Indicates Lead-Free Terminations. RoHS Compliant.
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel
1. Refer to AN1987, Quiescent Current Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1987.
Document Number: MW5IC2030N
Rev. 7, 1/2006
Freescale Semiconductor
Technical Data
1930 -1990 MHz, 30 W, 26 V
GSM/GSM EDGE, W-CDMA, PHS
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
CASE 1329-09
TO-272 WB-16
PLASTIC
MW5IC2030NBR1
MW5IC2030NBR1
MW5IC2030GNBR1
CASE 1329A-03
TO-272 WB-16 GULL
PLASTIC
MW5IC2030GNBR1
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
(Top View)
GND
GND
RFin
VRG1/VGS1
GND
VDS1
VDS2/
RFout
GND
VGS2
GND
VRD2
VRG2
VRD1
NC
NC
NC
VRG1/VGS1
RFin
VDS1
VGS2
VDS2/RFout
Quiescent Current
Temperature Compensation
VRD2
VRG2
VRD1
2
3
4
5
6
7
8
16
15
14
13
12
9
10
11
1
Note: Exposed backside flag is source
terminal for transistors.
 Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MW5IC2030GNBR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MW5IC2030GNBR1 NXP-MW5IC2030GNBR1 Datasheet
739Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
More results

Similar Description - MW5IC2030GNBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com