Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV839K6-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV839K6-G
Description  High Voltage Dual EL Lamp Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV839K6-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV839K6-G Datasheet HTML 1Page - Supertex, Inc HV839K6-G Datasheet HTML 2Page - Supertex, Inc HV839K6-G Datasheet HTML 3Page - Supertex, Inc HV839K6-G Datasheet HTML 4Page - Supertex, Inc HV839K6-G Datasheet HTML 5Page - Supertex, Inc HV839K6-G Datasheet HTML 6Page - Supertex, Inc HV839K6-G Datasheet HTML 7Page - Supertex, Inc HV839K6-G Datasheet HTML 8Page - Supertex, Inc HV839K6-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HV839
6
Pin Configuration and Description
Pin #
Name
Function
1
C1
Enable input signal for EL lamp 1. Logic high will turn ON the EL lamp 1 and logic low will
turn it OFF. Refer Function Table.
2
VDD
Input supply voltage pin.
3
RSW-OSC
External resistor connection to set both the switching MOSFET frequency and EL Lamp
frequency. The external resistor should be connected between this pin and the VDD pin. The
EL lamp frequency is switching frequency divided by 128.
The switching frequency increases as the value of RSW-OSC decreases. A 220kΩ resistor will
provide a switching frequency of 64.0 kHz, and an EL lamp frequency of 500 Hz.
To change the frequency to fEL1, the value of the resistor RSW-OSC1 can be determined as
RSW-OSC1 = (220 x 500) / fEL1 kΩ.
4
C2
Enable input signal for EL lamp 2. Logic high will turn ON the EL lamp 2 and logic low will
turn it OFF. Refer Function Table.
5
GND
IC Ground Pin.
6
LX
External inductor connection to boost the low input voltage using inductive flyback. Connect
an inductor between VIN and this pin.
Also connect a high voltage fast recovery diode
between this pin and the CS pin. The anode of the diode needs to be connected to the LX pin
and the cathode to the CS pin. In general, small valued inductors, which can handle more
current, are more suitable for driving large sized lamps. As the inductor value decreases, the
switching frequency should be increased to avoid saturation.
When the switching MOSFET is turned ON, the inductor is being charged.
When the
MOSFET is turned OFF, the energy stored in the inductor is transferred to the high voltage
capacitor connected at the CS pin.
7
CS
Connect a 100V capacitor between this pin and GND. This capacitor stores the energy
transferred from the inductor.
8
Com
Common connection for both EL lamps. Connect one end of both the lamps to this pin.
9
EL2
EL lamp 2 connection. For optimum performance, the smaller of the two lamps should be
connected to this pin.
10
EL1
EL lamp 1 connection. For optimum performance, the larger of the two lamps should be
connected to this pin.
A033106


Similar Part No. - HV839K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
   High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV830LG SUTEX-HV830LG Datasheet
306Kb / 4P
   High Voltage EL Lamp Driver
HV830LG SUTEX-HV830LG Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
More results

Similar Description - HV839K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV841 SUTEX-HV841 Datasheet
302Kb / 7P
   High Voltage Dual EL Lamp Driver
HV831 SUTEX-HV831 Datasheet
529Kb / 8P
   High Voltage Dual EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com