Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65677FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M65677FP
Description  DIGITAL NTSC/PAL ENCODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65677FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M65677FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65677FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65677FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65677FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65677FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65677FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUBISHI ICs (TV)
M65677FP
DIGITAL NTSC/PAL ENCODER
4
DESCRIPTION OF PIN
Pin No.
Pin name
Type
Function
1DVSS2
Supply Digital ground for the I/O.
2
PXCLK
O
Reference clock for input pixel data.
The clock frequency is 27.0MHz.
3DVASEL
I
I2C slave address setting.
"Low" is for the address of 40h, "High" is for the address of 42h.
4
HD
I/O
Horizontal sync signal input or output.
It is an input and output in the slave and master mode, respectively.
5
VD
I/O
Vertical sync input or output. Or OddEven signal output.
It is an input and output in the slave and master mode, respectively.
6
VD9
I/O
Video data outputs.
In the Y/U/V output mode, the output is the 10-bit digital luma signal with a composite sync.
VD9 is MSB and VD0 is LSB.
7
VD8
8
VD7
9
VD6
10
VD5
11
VD4
12
VD3
13
VD2
14
VD1
15
VD0
16
DVSS2
Supply Digital ground for the I/O.
17
DVDD2
Supply Digital supply for the I/O.
18
DVDD1
Supply Digital supply for the internal logic.
19
DVSS1
Supply Digital ground for the internal logic.
20
OSDCK
O
The reference clock for an external OSD microcontroller.
The frequency is 13.5MHz or 6.25MHz, alternated by the I2C bus control.
21
OSD0
I
The color look-up table address input.
MSB and LSB is OSD2 and OSD0, respectively.
22
OSD1
23
OSD2
24
Master/Slave
I
Synchronizing mode selection.
"Low" is for the slave mode.
"High" is for the master mode.
25
RESET
I
Initializing reset. "LOW" is active.
26
ACK
O
Acknowledge line (Open drain output).
27
SDA
I/O
Serial data line/Acknowledge line (Open drain output).
28
SCL
I
Serial clock line.
29
TEST
I
For testing.
It should be grounded during an actual use.
30
DVDD1
Supply Digital supply for the internal logic.
31
N.C.
No connection.
32
N.C.
No connection.
33
C
O
The analog chroma output from a 6dB amplifier.
The output amplitude is 1.0VP-P (typ.), while the input is 0.5VP-P.
34
N.C.
No connection.
35
CVBS
O
The analog composite video signal from a 6dB amplifier.
The output amplitude is 1.24VP-P (typ.).
36
AVSS2
Supply Analog ground for 6dB amplifiers.
37
Y
O
The analog luma output from a 6dB amplifier.
The output amplitude is 1.2VP-P (typ.), while input is 0.6VP-P.
38
AVDD2
Supply Analog supply for 6dB amplifiers.
39
Yin
I
The analog luma input from an external LPF.
This input has bias circuit. The signal must input via a capacitor.
40
N.C.
No connection.
41
Cin
I
The analog chroma input from an external LPF.
This input has bias circuit. The signal must input via a capacitor.


Similar Part No. - M65677FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
More results

Similar Description - M65677FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
   PAL/NTSC DIGITAL ENCODER
October 1996
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
   NTSC/PAL Digital Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com