Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV320LG Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV320LG
Description  Accurate, Re-Settable Electronic Circuit Breaker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV320LG Datasheet(HTML) 6 Page - Supertex, Inc

  HV320LG Datasheet HTML 1Page - Supertex, Inc HV320LG Datasheet HTML 2Page - Supertex, Inc HV320LG Datasheet HTML 3Page - Supertex, Inc HV320LG Datasheet HTML 4Page - Supertex, Inc HV320LG Datasheet HTML 5Page - Supertex, Inc HV320LG Datasheet HTML 6Page - Supertex, Inc HV320LG Datasheet HTML 7Page - Supertex, Inc HV320LG Datasheet HTML 8Page - Supertex, Inc HV320LG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HV320
6
Design Information
Setting Under Voltage and Over Voltage Shut Down
The UV and OV pins are connected to comparators with
typical 1.26V thresholds and 100mV of hysteresis. They
are used to detect under voltage and over voltage
conditions at the input to the circuit. Whenever the OV pin
rises above its high threshold (1.26V) or the UV pin falls
below its low threshold (1.16V), the GATE voltage is
immediately pulled low.
Calculations can be based on either the desired input
voltage operating limits or the input voltage shutdown
limits. In the following equations the shutdown limits are
assumed.
The under voltage and over voltage shut down thresholds
can be programmed by means of the three resistor divider
formed by R1, R2 and R3. Since the input currents on the
UV and OV pins are negligible the resistor values may be
calculated as follows:
UV
OFF = VUVL = 1.16 = •VEEUV(off)•x (R2+R3)/(R1+R2+R3)
OV
OFF = VOVL = 1.26 = •VEEOV(off)•x R3/(R1+R2+R3)
Where •V
EEUV(off)•and •VEEOV(off)• relative to VEE are Under and
Over Voltage Shut Down Threshold points.
If we select a divider current of 100
µA at a nominal
operating input voltage of 50 Volts, then
R1+R2+R3 = 50V/100uA = 500k Ohm
From the second equation, for an OV shut down threshold
of 65V, the value of R3 may be calculated.
OV
OFF = 1.26 = (65xR3)/500k
R3 = (1.26x 500k)/65 = 9.69k
The closest 1% value is 9.76k Ohm.
From the first equation, for a UV shut down threshold of
35V, the value of R2 can be calculated.
UV
OFF = 1.16 = 35 x (R2+R3) / 500k
R2 = ((1.16 x 500k)/35) – 9.76k = 6.81k
The closest 1% value is 6.81k Ohm.
Then
R1 = 500k – R2 – R3 = 483k Ohm.
The closest 1% value is 487K Ohm.
From the calculated resistor values the OV and UV start
up threshold voltages can be calculated as follows:
UV
ON = VUVH = 1.26 = •VEEUV(on) •x (R2+R3)/(R1+R2+R3)
OV
ON = VOVL = 1.16 = •VEEOV(on) •x R3/(R1+R2+R3)
Where •V
EEUV(on)
• and •V
EEOV(on)
• are Under and Over
Voltage Start Up Threshold points relative to Vee.
Then
•V
EEUV(on) • = 1.26 x (R1+R2+R3)/(R2+R3)
•V
EEUV(on) •= 1.26 x (487k+6.81k+9.76k)/(6.81k+9.76k )
= 38.29V
and
•V
EEOV(on) •= 1.16 x (R1+R2+R3)/R3
•V
EEOV(on) •= 1.16 x (487k +6.81k +9.76k)/9.76k = 59.85V
Therefore, the circuit will start when the input supply
voltage is in the range of 38.29V to 59.85V. To overcome
longer bounce time during insertion, POR time must be
extended. An additional cap C1 (Page 1) must be added
from the UV pin to V
EE.
The value of this cap can be
calculated accordingly:
VC1 ( t ) = V
IN x
( 1 – e
)
Where
VC1= 1.26
V
IN = 1.60V
t
POR = desired POR time to overcome the bounce
Req = R1
⎢⎢ (R2 + R3)
From the above C1 can be calculated:
t
POR
Req x 1.60
For example for t
POR = 10ms and
Values show on Page 1, the C1 calculates to be:
487 x (6.81 + 9.76)
487 + 6.81 + 9.76
10 x 10
-3
16000 x 1.60
C1
≅ .39µF
a .47
µF can be used.
Under Voltage/Over Voltage Operation
GND
UV
OFF
UV
ON
Vin
OV
ON
OV
OFF
Pass
Transistor
ON
OFF
(
Req =
= 16K
C1 =
C1 =
-tPOR
Req x C1
)


Similar Part No. - HV320LG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV320WX2-206 ETC-HV320WX2-206 Datasheet
537Kb / 23P
   HV320WX2-206 Product Preliminary Specification
2013.05.17
More results

Similar Description - HV320LG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com