Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV256FG Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV256FG
Description  32-Channel High Voltage Amplifier Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256FG Datasheet(HTML) 6 Page - Supertex, Inc

  HV256FG Datasheet HTML 1Page - Supertex, Inc HV256FG Datasheet HTML 2Page - Supertex, Inc HV256FG Datasheet HTML 3Page - Supertex, Inc HV256FG Datasheet HTML 4Page - Supertex, Inc HV256FG Datasheet HTML 5Page - Supertex, Inc HV256FG Datasheet HTML 6Page - Supertex, Inc HV256FG Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
HV256
A112304
Pad Coordinates
Chip Size: 17004µm x 5480µm
Center of die is (0,0)
e
m
a
N
d
a
P)
m
µ
(
X)
m
µ
X(
m)
µ
X(
m)
µ
Y(
me
a
N
d
Pa
m)
µ
X(
m)
µ
(
Y
V
P
P
5
.
8
3
3
8
-5
.
8
0
7
2V
H
T
U
O
8
25
.
0
2
6
45
.
5
0
3
2V
N
I
0
25
.
8
8
50
.
6
8
6
2
-
V
H
T
U
O
00
.
5
9
8
7
-5
.
5
0
3
2V
H
T
U
O
9
25
.
7
6
0
55
.
5
0
3
2V
N
I
9
15
.
3
8
10
.
6
8
6
2
-
V
H
T
U
O
15
.
8
4
4
7
-5
.
5
0
3
2V
H
T
U
O
0
35
.
4
1
5
55
.
5
0
3
2V
N
I
8
15
.
1
2
2
-0
.
6
8
6
2
-
V
H
T
U
O
25
.
1
0
0
7
-5
.
5
0
3
2V
H
T
U
O
1
35
.
1
6
9
55
.
5
0
3
2V
N
I
7
15
.
6
2
6
-0
.
6
8
6
2
-
V
H
T
U
O
35
.
4
5
5
6
-5
.
5
0
3
2V
P
P
9
5
6
69
0
7
2V
N
I
6
15
.
1
3
0
1
-0
.
6
8
6
2
-
V
H
T
U
O
45
.
7
0
1
6
-5
.
5
0
3
2V
-
p
y
B
P
P
5
4
0
79
0
7
2V
N
I
5
15
.
6
3
4
1
-0
.
6
8
6
2
-
V
H
T
U
O
55
.
0
6
6
5
-5
.
5
0
3
2R
E
C
R
U
O
S
9
8
4
79
0
7
2V
N
I
4
10
.
2
1
4
2
-0
.
6
8
6
2
-
V
H
T
U
O
65
.
3
1
2
5
-5
.
5
0
3
2R
K
N
I
S
9
6
9
79
0
7
2V
N
I
3
17
1
8
2
-0
.
6
8
6
2
-
V
H
T
U
O
75
.
6
6
7
4
-5
.
5
0
23
8366
09
27
N
I
2
12
2
2
3
-0
.
6
8
6
2
-
V
H
T
U
O
85
.
9
1
3
4
-5
.
5
0
23
Anode
8366
99
21
N
I
1
17
2
6
3
-0
.
6
8
6
2
-
V
H
T
U
O
95
.
2
7
8
3
-5
.
5
0
3
2V
N
N
7
4
0
80
.
5
2
4V
N
I
0
12
3
0
4
-0
.
6
8
6
2
-
V
H
T
U
O
0
15
.
5
2
4
3
-5
.
5
0
3
2V
-
p
y
B
D
D
7
4
0
85
.
5
2
1V
N
I 97
3
4
4
-0
.
6
8
6
2
-
V
H
T
U
O
1
15
.
8
7
9
2
-5
.
5
0
3
2V
-
p
y
B
N
N
7
4
0
85
.
5
4
3
-V
N
I 82
4
8
4
-0
.
6
8
6
2
-
V
H
T
U
O
2
15
.
1
3
5
2
-5
.
5
0
3
2V
D
D
7
4
0
85
.
4
0
7
-V
N
I 77
4
2
5
-0
.
6
8
6
2
-
V
H
T
U
O
3
15
.
4
8
0
2
-5
.
5
0
23
GND
47
80
.0
4
2
4
-1
N
I 62
5
6
5
-0
.
6
8
6
2
-
V
H
T
U
O
4
15
.
7
3
6
1
-5
.
5
0
3
2V
N
N
5
.
6
6
0
80
.
0
9
5
1
-V
N
I 52
5
0
6
-0
.
6
8
6
2
-
V
H
T
U
O
5
15
.
0
9
1
1
-5
.
5
0
3
2V
D
D
5
.
6
6
0
85
.
8
5
9
1
-V
N
I 42
6
4
6
-0
.
6
8
6
2
-
V
H
T
U
O
6
15
.
3
4
7
-5
.
5
0
23
GND
.0
7
6
78
.0
2
9
1
-2
N
I 37
6
8
6
-0
.
6
8
6
2
-
V
H
T
U
O
7
15
.
6
9
2
-5
.
5
0
3
2V
N
I
1
35
.
3
4
0
50
.
6
8
6
2
-V
N
I 22
7
2
7
-0
.
6
8
6
2
-
V
H
T
U
O
8
10
.
0
5
15
.
5
0
3
2V
N
I
0
35
.
8
3
6
40
.
6
8
6
2
-V
N
I 17
7
6
7
-0
.
6
8
6
2
-
V
H
T
U
O
9
15
.
7
9
55
.
5
0
3
2V
N
I
9
25
.
3
3
2
40
.
6
8
6
2
-
V
N
I 0
2
8
0
8
-0
.
6
8
6
2
-
V
H
T
U
O
0
25
.
4
4
0
15
.
5
0
3
2V
N
I
8
25
.
8
2
8
30
.
6
8
6
2
-V
D
D
3
7
3
8
-5
.
0
5
2
2
-
V
H
T
U
O
1
25
.
1
9
4
15
.
5
0
3
2V
N
I
7
25
.
3
2
4
30
.
6
8
6
2
-V
N
N
3
7
3
8
-0
.
9
4
9
1
-
V
H
T
U
O
2
25
.
8
3
9
15
.
5
0
3
2V
N
I
6
25
.
8
1
0
30
.
6
8
6
-2
67
3
-8
.
1
6
5
1
-
V
H
T
U
O
3
25
.
5
8
3
25
.
5
0
3
2V
N
I
5
25
.
3
1
6
20
.
6
8
6
2
-V
D
D
7
8
3
-8
.0
3
4
1
1
-
V
H
T
U
O
4
25
.
2
3
8
25
.
5
0
3
2V
N
I
4
25
.
8
0
2
20
.
6
8
6
2
-V
N
N
5
.
8
3
3
8
-5
.
7
7
5
V
H
T
U
O
5
25
.
9
7
2
35
.
5
0
3
2V
N
I
3
25
.
3
0
8
10
.
6
8
6
-2
.0
1
4
3
-8
.5
6
1
9
V
H
T
U
O
6
25
.
6
2
7
35
.
5
0
3
2V
N
I
2
25
.
8
9
3
10
.
6
8
6
2
-
V
H
T
U
O
7
25
.
3
7
1
45
.
5
0
3
2V
N
I
1
25
.
3
9
90
.
6
8
6
2
-
Pad Name
Cathode
V
V
GND
GND
V
V
DOC #: DSFP-HV256
A112304


Similar Part No. - HV256FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256FG SUTEX-HV256FG Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 13P
   32-Channel High Voltage Amplifier Array
More results

Similar Description - HV256FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
HV254 SUTEX-HV254_13 Datasheet
692Kb / 10P
   32-Channel High Voltage Amplifier Array
HV256 SUTEX-HV256_13 Datasheet
1Mb / 13P
   32-Channel High Voltage Amplifier Array
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Linear Dimensions Semic...
LND-MA32 LINEAR_DIMENSIONS-LND-MA32 Datasheet
139Kb / 1P
   32 Channel High Voltage Amplifier
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256DB1 SUTEX-HV256DB1 Datasheet
111Kb / 2P
   High Voltage Amplifier Array
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com