Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N04Q1612C2BW-15C Datasheet(PDF) 4 Page - NanoAmp Solutions, Inc.

Part # N04Q1612C2BW-15C
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04Q1612C2BW-15C Datasheet(HTML) 4 Page - NanoAmp Solutions, Inc.

  N04Q1612C2BW-15C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04Q1612C2BW-15C Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Stock No. 23451-B 2/06
4
The specification is ADVANCE INFORMATION and subject to change without notice.
NanoAmp Solutions, Inc.
N04Q16yyC2B
Advance Information
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operating section of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Device
Conditions
Min.
Typ
Max
Unit
Core Supply Voltage
VCC
N04Q1612...
1.2V Core Device
1.1
1.2
1.3
V
N04Q1618...
1.8V Core Device
1.65
1.8
1.95
N04Q1625...
2.5V Core Device
2.3
2.5
2.8
N04Q1630...
3V Core Device
2.7
3.0
3.6
I/O Supply Voltage
VCCQ
N04Q1612...
1.2V Core Device
1.1
3.3
V
N04Q1618...
1.8V Core Device
1.65
3.3
N04Q1625...
2.5V Core Device
2.3
3.3
N04Q1630...
3V Core Device
2.7
3.6
Input High Voltage
VIH
0.8 x
VCCQ
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.2 x
VCCQ
Output High Voltage
VOH
IOH = -100uA
VCC–0.2
V
Output Low Voltage
VOL
IOL = 100uA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip
Disabled
0.5
µA


Similar Part No. - N04Q1612C2BW-15C

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N04Q1612C2BX-15C AMI-N04Q1612C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

Similar Description - N04Q1612C2BW-15C

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com