Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV238FG Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV238FG
Description  16 Channel High Voltage Analog Switch With Bleed Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV238FG Datasheet(HTML) 5 Page - Supertex, Inc

  HV238FG Datasheet HTML 1Page - Supertex, Inc HV238FG Datasheet HTML 2Page - Supertex, Inc HV238FG Datasheet HTML 3Page - Supertex, Inc HV238FG Datasheet HTML 4Page - Supertex, Inc HV238FG Datasheet HTML 5Page - Supertex, Inc HV238FG Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HV238
5
NR070805
Test Circuits
VPP
VNN
VDD
GND
5.0V
DC Offset ON/OFF
RGND
VOUT
VPP
VNN
VDD
GND
5.0V
TON/TOFF
RGND
VOUT
VPP
VNN
VPP
VNN
R
INT
R
INT
R
INT
R
INT
VPP-10V
RL
10K
VPP
VNN
VDD
GND
5.0V
Switch OFF Leakage
RGND
VPP-10V and
VNN+10V
VPP
VNN
R
INT
R
INT
VOUT
VOUT
ISOL R
INT
=
VPP
VNN
VDD
GND
5.0V
Off Isolation
RGND
VPP
VNN
R
INT
R
INT
VOUT
VOUT
VIN
KO = 20Log
R
LOAD
VIN=10VP-P
@ 5.0MHz
VPP
VNN
VDD
GND
5.0V
Crosstalk
RGND
VPP
VNN
R
INT
R
INT
VOUT
VOUT
VIN
KCR = 20Log
VIN=10VP-P
@ 5.0MHz
50
NC
50
VPP
VNN
VDD
GND
5.0V
Isolation Diode Current
RGND
VSIG
VPP
VNN
R
INT
R
INT
V
NN
I
ID
VPP
VNN
VDD
GND
5.0V
Output Voltage Spike
RGND
VPP
VNN
R
INT
R
INT
VOUT
1K
50
+VSPK
-VSPK
VPP
VNN
VDD
GND
5.0V
Charge Injection
RGND
VPP
VNN
R
INT
R
INT
VOUT
Q = 1000pF x
∆V
OUT
VSIG
1000pF
∆V
OUT


Similar Part No. - HV238FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV238FG-G SUTEX-HV238FG-G Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
HV238FG-GM931 SUTEX-HV238FG-GM931 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
More results

Similar Description - HV238FG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
   16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
logo
Monolithic Power System...
MP4816A MPS-MP4816A Datasheet
125Kb / 2P
   16-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
Supertex, Inc
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
logo
Monolithic Power System...
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
   32-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
MPS Industries, Inc.
MP4864A MPSIND-MP4864A Datasheet
1Mb / 22P
   64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
Rev. 1.0 10/20/2021
logo
Supertex, Inc
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2731 SUTEX-HV2731_09 Datasheet
520Kb / 7P
   16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com