Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL2N8 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL2N8
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2N8 Datasheet(HTML) 2 Page - Supertex, Inc

  CL2N8 Datasheet HTML 1Page - Supertex, Inc CL2N8 Datasheet HTML 2Page - Supertex, Inc CL2N8 Datasheet HTML 3Page - Supertex, Inc CL2N8 Datasheet HTML 4Page - Supertex, Inc CL2N8 Datasheet HTML 5Page - Supertex, Inc CL2N8 Datasheet HTML 6Page - Supertex, Inc CL2N8 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Package Options
Absolute Maximum Ratings*
VA-B, Operating Voltage
100V
TJ, Operating Junction Temperature
-40°C to +125°C
Ts, Storage Temperature
-55°C to +150°C
*Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability.
Thermal Characteristics
Package
Power Dissipation
@ TA = 25°C
θ
JC
°C/W
θ
JA
°C/W
TO-92
0.6W
125
170
TO-243AA (SOT-89)
1.3W*
15
78*
TO-252 (D-PAK)
2.0W*
6.0
50*
* Mounted on FR4 board; 25mm x 25mm x 1.57mm.
Ordering Information
Order Number / Package
TO-92
TO-243AA*
TO-252
CL2N3
CL2N8
CL2K4
*Same as SOT-89 product supplied on 2000 piece tape reels.
NR062905
CL2
NC = No Connect
TO-243A A
(SO T-89)
TO-25 2
(D-PAK)
VA
NC
VB
VA
NC
VB
(TO-92 )
V
A NC VB
VB


Similar Part No. - CL2N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2N8-G MICROCHIP-CL2N8-G Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
CL2N8-G-P002 MICROCHIP-CL2N8-G-P002 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
More results

Similar Description - CL2N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
   Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
   Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com