Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24HC02B-W1.8-11 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24HC02B-W1.8-11
Description  Utilizes Different Array Protection Compared
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B-W1.8-11 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24HC02B-W1.8-11 Datasheet HTML 1Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 2Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 3Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 4Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 5Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 6Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 7Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 8Page - ATMEL Corporation AT24HC02B-W1.8-11 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
AT24HC02B
5134A–SEEPR–9/05
Figure 1. Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each
EEPROM device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is
open-drain driven and may be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device
address inputs that must be hardwired for the AT24HC02B. As many as eight 2K
devices may be addressed on a single bus system. (Device addressing is discussed in
detail under Device Addressing, page 8).
Absolute Maximum Ratings*
Operating Temperature
........................................−40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature
.........................................−65°C to +150°C
Voltage on Any Pin
with Respect to Ground
........................................ −1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
START
STOP
LOGIC


Similar Part No. - AT24HC02B-W1.8-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B-W-11 ATMEL-AT24HC02B-W-11 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
More results

Similar Description - AT24HC02B-W1.8-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A_14 Datasheet
563Kb / 16P
   Utilizes Different Array Protection Compared to the AT24C02/04
logo
Vishay Siliconix
CRAS0606 VISHAY-CRAS0606 Datasheet
214Kb / 8P
   Thick Film Chip Resistor Array, Different Values
Revision: 01-Jun-16
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
   ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
   ESD Protection Array
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
   ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
   ESD protection array
2003 Apr 28
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
   ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
   ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004_10 Datasheet
484Kb / 6P
   SPA??Silicon Protection Array Products Low Capacitance ESD Protection Array
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com