Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N02M083WL1A Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

Part # N02M083WL1A
Description  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M083WL1A Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

  N02M083WL1A Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N02M083WL1A
Stock No. 23207-01 11/01/02
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM
256Kx8 bit
Overview
The N02M083WL1A is an integrated memory
device intended for non life-support (Class 1 or 2)
medical applications. This device comprises a 2
Mbit Static Random Access Memory organized as
262,144 words by 8 bits. The device is designed
and fabricated using NanoAmp’s advanced CMOS
technology with reliability inhancements for
medical users. The base design is the same as
NanoAmp’s N02M0818L2A, which has further
reliability processing for life-support (Class 3)
medical applications. The device operates with two
chip enable (CE1 and CE2) controls and output
enable (OE) to allow for easy memory expansion.
The N02M083WL1A is optimal for various
applications where low-power is critical such as
battery backup and hand-held devices. The device
can operate over a very wide temperature range of
-40oC to +85oC and is available in JEDEC
standard packages compatible with other standard
256Kb x 8 SRAMs
Product Family
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Low standby current
3µA maximum at 3.6V
• Very low operating current
2 mA at 3.6V and 1Mhz (Typical)
• Very low Page Mode operating current
0.5mA at 3.6V and 1Mhz (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Automatic power down to standby mode
• TTL compatible three-state output driver
Pin Configuration
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Standby
Current
(ISB), Max
Operating
Current (Icc),
Max
N02M083WL1AN
32 - STSOP I
-40oC to +85oC
2.3V - 3.6V
70ns @ 2.3V
3.0 µA
2.5 mA @ 1MHz
N02M083WL1AD Known Good Die
N02M083WL1A
STSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
Pin Descriptions
Pin Name
Pin Function
A0-A17
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
I/O0-I/O7
Data Inputs/Outputs
VCC
Power
VSS
Ground


Similar Part No. - N02M083WL1A

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD NANOAMP-N02M0818L1AD Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD-85I NANOAMP-N02M0818L1AD-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN NANOAMP-N02M0818L1AN Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN-85I NANOAMP-N02M0818L1AN-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Similar Description - N02M083WL1A

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com