Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N02L1618C1A Datasheet(PDF) 6 Page - NanoAmp Solutions, Inc.

Part # N02L1618C1A
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L1618C1A Datasheet(HTML) 6 Page - NanoAmp Solutions, Inc.

Back Button N02L1618C1A Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 9Page - NanoAmp Solutions, Inc. N02L1618C1A Datasheet HTML 10Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Stock No. 23265-A
6
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L1618C1A
Advance Information
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Power Supply Voltage
1.65 - 2.2V
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
85ns
70ns
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
85
70
ns
Address Access Time
tAA
85
70
ns
Chip Enable to Valid Output
tCO
85
70
ns
Output Enable to Valid Output
tOE
30
25
ns
Byte Select to Valid Output
tLB, tUB
85
70
ns
Chip Enable to Low-Z output
tLZ
10
10
ns
Output Enable to Low-Z Output
tOLZ
55
ns
Byte Select to Low-Z Output
tLBZ, tUBZ
10
10
ns
Chip Disable to High-Z Output
tHZ
30
25
ns
Output Disable to High-Z Output
tOHZ
30
25
ns
Byte Select Disable to High-Z Output
tLBHZ, tUBHZ
30
25
ns
Output Hold from Address Change
tOH
55
ns
Write Cycle Time
tWC
85
70
ns
Chip Enable to End of Write
tCW
50
40
ns
Address Valid to End of Write
tAW
50
40
ns
Byte Select to End of Write
tLBW, tUBW
50
40
ns
Write Pulse Width
tWP
50
40
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
25
20
ns
Data to Write Time Overlap
tDW
40
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
10
10
ns


Similar Part No. - N02L1618C1A

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

Similar Description - N02L1618C1A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com