Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N01M0818L1AD Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

Part # N01M0818L1AD
Description  1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01M0818L1AD Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N01M0818L1AD Datasheet HTML 1Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 2Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01M0818L1AD Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Stock No. 23205-01 11/01/02
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N01M0818L1A
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
I/O0 - I/O7
MODE
POWER
H
X
X
X
High Z
Standby1
1. When the device is in standby mode, control inputs (WE and OE), address inputs and data input/outputs are internally isolated
from any external influence and disabled from exerting any influence externally.
Standby
X
L
X
X
High Z
Standby1
Standby
LHL
X2
2. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
Data In
Write2
Active
LH
HL
Data Out
Read
Active
L
H
H
H
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Control
Logic
Page
Decode
Logic
Address
Inputs
A4 - A16
Input/
Output
Mux
and
Buffers
I/O0 - I/O7
Address
Word
Decode
Logic
Address
Address
Inputs
A0 - A3
8K Page
x 16 word
x 8 bit
RAM
CE1
CE2
WE
OE
VCCQ
VCC
VSS


Similar Part No. - N01M0818L1AD

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
More results

Similar Description - N01M0818L1AD

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com