Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND600-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND600-E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600-E Datasheet(HTML) 4 Page - STMicroelectronics

  VND600-E Datasheet HTML 1Page - STMicroelectronics VND600-E Datasheet HTML 2Page - STMicroelectronics VND600-E Datasheet HTML 3Page - STMicroelectronics VND600-E Datasheet HTML 4Page - STMicroelectronics VND600-E Datasheet HTML 5Page - STMicroelectronics VND600-E Datasheet HTML 6Page - STMicroelectronics VND600-E Datasheet HTML 7Page - STMicroelectronics VND600-E Datasheet HTML 8Page - STMicroelectronics VND600-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VND600-E
4/18
ELECTRICAL CHARACTERISTICS
(8V<VCC<36V; -40°C<Tj<150°C; unless otherwise specified)
(Per each channel)
Table 5. Power
Note: (**) Per device.
Note: 1. Vclamp and VOV are correlated. Typical difference is 5V.
Table 6. Protection (Per each channel) (See note 2)
Note: 2. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be
used together with a proper software strategy. If the device is subjected to abnormal conditions, this software must limit the duration
and number of activation cycles
Table 7. VCC - Output Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC (**)
Operating supply voltage
5.5
13
36
V
VUSD (**)
Undervoltage shutdown
3
4
5.5
V
VOV (**)
Overvoltage shutdown
36
V
RON
On state resistance
IOUT=5A; Tj=25°C
IOUT=5A; Tj=150°C
IOUT=3A; VCC=6V
35
70
120
m
m
m
Vclamp
Clamp voltage
ICC=20 mA (see note 1)
41
48
55
V
IS (**)
Supply current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V;
Tj=25°C
On state; VIN=5V; VCC=13V; IOUT=0A;
RSENSE=3.9kΩ
12
12
40
25
6
µA
µA
mA
IL(off1)
Off state output current
VIN=VOUT=0V
050
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
DC short circuit current
VCC=13V
5.5V<VCC<36V
25
40
70
70
A
A
TTSD
Thermal shut-down
temperature
150
175
200
°C
TR
Thermal reset
temperature
135
°C
THYST
Thermal hysteresis
7
15
°C
Vdemag
Turn-off output voltage
clamp
IOUT=2A; VIN=0V; L=6mH
VCC-41
VCC-48 VCC-55
V
VON
Output voltage drop
limitation
IOUT=0.5A
Tj= -40°C...+150°C
50
mV
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=2.3A; Tj=150°C
0.6
V


Similar Part No. - VND600-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600 STMICROELECTRONICS-VND600 Datasheet
195Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND600 STMICROELECTRONICS-VND600 Datasheet
236Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND60013TR STMICROELECTRONICS-VND60013TR Datasheet
236Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND600P-E STMICROELECTRONICS-VND600P-E Datasheet
380Kb / 26P
   Double channel high-side solid state relay
September 2013 Rev 2
VND600PEP STMICROELECTRONICS-VND600PEP Datasheet
239Kb / 11P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Similar Description - VND600-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
   Double channel high-side driver
September 2013 Rev 2
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830 STMICROELECTRONICS-VND830 Datasheet
308Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810SP STMICROELECTRONICS-VND810SP Datasheet
263Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
264Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830P-E STMICROELECTRONICS-VND830P-E Datasheet
427Kb / 27P
   Double channel high-side driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com