Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65560RGTRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65560RGTRG4
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65560RGTRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65560RGTRG4 Datasheet HTML 4Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 5Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 6Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 7Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 8Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 9Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 10Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 11Page - Texas Instruments TPS65560RGTRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
t
OFF
TURN
= N
x L
I
PEAK
V
OUT
(2)
Programming Peak Current
Voltage of I_PEAK - V
IPEAK1
IPEAK2
TPS65560
SLVS608 – JANUARY 2006
The OFF time is dependant on output voltage. As the output voltage gets higher, the OFF time gets shorter (see
Equation 2).
The TPS65560 provides a method to program the peak primary current with a voltage applied to the I_PEAK pin.
Figure 7 shows how to program I(PEAK).
The I_PEAK input is treated as a logic input below V(PKL) (0.6 V) and above V(PKH) (2.4 V). Between V(PKL) and
V(PKH), I_PEAK input is treated as an analog input. Using this characteristic, I(PEAK) can be set by a logic signal or
by an analog input.
Typical usages of this function are:
1. Setting the peak charging currents based on the battery voltage. Larger I(PEAK) for a fully charged battery and
lower I(PEAK) for a discharged battery.
2. Reducing I(PEAK) when powering a zooming lens motor. This avoids inadvertent shutdowns due to large
current from the battery.
In Figure 1, three optional connections to I_PEAK are shown.
1. Use the controller to treat I_PEAK as the logic input pin. This option is the easiest.
2. Use a D/A converter to force I(PEAK) to follow analog information, such as battery voltage.
3. Use an analog circuit to achieve the same results as the D/A converter.
Figure 7. I_PEAK vs I(SW)
8
Submit Documentation Feedback


Similar Part No. - TPS65560RGTRG4

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
TPS65560 SUMIDA-TPS65560 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - TPS65560RGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com