Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN16602SM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN16602SM
Description  Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN16602SM Datasheet(HTML) 6 Page - National Semiconductor (TI)

  SCAN16602SM Datasheet HTML 1Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 2Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 3Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 4Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 5Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 6Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 7Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 8Page - National Semiconductor (TI) SCAN16602SM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Noise Specifications
Applies to SCAN162602 and SCANH162602 options, C
L = 30pF, RL = 500
Ω to GND
Symbol
Parameter
V
CC
(V)
Industrial
Units
T
A = 25˚C
Typical Limits
V
OLP
Quiet Output Maximum Dynamic VOL
(Note 4)
3.3
0.5
V
V
OLV
Quiet Output Minimum Dynamic VOL
(Note 4)
3.3
-0.4
V
V
OHP
Quiet Output Maximum Dynamic
VOH(Note 5)
3.3
VOH + 0.5
V
V
OHV
Quiet Output Minimum Dynamic VOH
(Note 5)
3.3
VOH - 0.5
V
Note 4: Maximum number of outputs is defined as n. (n-1) outputs are switched LOW while the quiet output is monitored in a LOW (VOL) state. Also, (n-1) outputs
are switched HIGH while the quiet output is monitored in a LOW (VOL) state.
Note 5: Maximum number of outputs is defined as n. (n-1) outputs are switched LOW while the quiet output is monitored in a HIGH (VOH) state. Also, (n-1) outputs
are switched HIGH while the quiet output is monitored in a HIGH (VOH) state.
AC Electrical Characteristics
Normal Operation, over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
SCAN16602, SCANH16602
Units
C
L =30 pF
R
L = 500
Ω to GND
Min
Max
t
PLH,
Propagation Delay
5.5
ns
t
PHL
AtoB,BtoA
5.5
t
PLH,
Propagation Delay
6.0
ns
t
PHL
CLKAB to B, CLKBA to A
6.0
t
PLH,
Propagation Delay
6.0
ns
t
PHL
LEAB to B, LEBA to A
6.0
t
PLZ,
Disable Time, OEAB to B, OEBA to A
7.5
ns
t
PHZ
7.5
t
PZL,
Enable Time, OEAB to B, OEBA to A
7.5
ns
t
PZH
7.5
AC Electrical Characteristics
Normal Operation, over recommended operating supply voltage and temperature ranges unless otherwise specified.
Symbol
Parameter
SCAN162602
Units
C
L =30 pF
R
L = 500
Ω to GND
Min
Max
t
PLH,
Propagation Delay
6.0
ns
t
PHL
AtoB,BtoA
6.0
t
PLH,
Propagation Delay
6.5
ns
t
PHL
CLKAB to B, CLKBA to A
6.5
t
PLH,
Propagation Delay
6.5
ns
t
PHL
LEAB to B, LEBA to A
6.5
t
PLZ,
Disable Time, OEAB to B, OEBA to A
8.0
ns
t
PHZ
8.0
t
PZL,
Enable Time, OEAB to B, OEBA to A
8.0
ns
t
PZH
8.0
www.national.com
6


Similar Part No. - SCAN16602SM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN162512SM NSC-SCAN162512SM Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
SCAN16512SM NSC-SCAN16512SM Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results

Similar Description - SCAN16602SM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SN74ALVC16501 TI1-SN74ALVC16501 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
74LVXC164245 NSC-74LVXC164245 Datasheet
103Kb / 4P
   16-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE-R Outputs
54ABT16500 NSC-54ABT16500 Datasheet
113Kb / 8P
   18-Bit Universal Bus Transceivers with TRI-STATE Outputs
logo
Texas Instruments
SNJ54ABT16245WD TI-SNJ54ABT16245WD Datasheet
299Kb / 12P
[Old version datasheet]   54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com