Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTF6P02T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTF6P02T3
Description  Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF6P02T3 Datasheet(HTML) 1 Page - ON Semiconductor

  NTF6P02T3 Datasheet HTML 1Page - ON Semiconductor NTF6P02T3 Datasheet HTML 2Page - ON Semiconductor NTF6P02T3 Datasheet HTML 3Page - ON Semiconductor NTF6P02T3 Datasheet HTML 4Page - ON Semiconductor NTF6P02T3 Datasheet HTML 5Page - ON Semiconductor NTF6P02T3 Datasheet HTML 6Page - ON Semiconductor NTF6P02T3 Datasheet HTML 7Page - ON Semiconductor NTF6P02T3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Publication Order Number:
NTF6P02T3/D
© Semiconductor Components Industries, LLC, 2002
September, 2002 – Rev. 0
1
NTF6P02T3
Power MOSFET
-6.0 Amps, -20 Volts
P–Channel SOT–223
Features
Low R
DS(on)
Logic Level Gate Drive
Diode Exhibits High Speed, Soft Recovery
Avalanche Energy Specified
Typical Applications
Power Management in Portables and Battery–Powered Products, i.e.:
Cellular and Cordless Telephones and PCMCIA Cards
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
–20
Vdc
Gate–to–Source Voltage
VGS
±8.0
Vdc
Drain Current (Note 1)
– Continuous @ TA = 25°C
– Continuous @ TA = 70°C
– Single Pulse (tp = 10 µs)
ID
ID
IDM
–10
–8.4
–35
Adc
Apk
Total Power Dissipation @ TA = 25°C
PD
8.3
W
Operating and Storage Temperature Range
TJ, Tstg
–55 to
+150
°C
Single Pulse Drain–to–Source Avalanche
Energy – Starting TJ = 25°C
(VDD = –20 Vdc, VGS = –5.0 Vdc,
IL(pk) = –10 A, L = 3.0 mH, RG = 25W)
EAS
150
mJ
Thermal Resistance
– Junction to Lead (Note 1)
– Junction to Ambient (Note 2)
– Junction to Ambient (Note 3)
RθJL
RθJA
RθJA
15
71.4
160
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. Steady State.
2. When surface mounted to an FR4 board using 1
″ pad size,
(Cu. Area 1.127 in2), Steady State.
3. When surface mounted to an FR4 board using minimum recommended pad
size, (Cu. Area 0.412 in2), Steady State.
D
G
S
1
2
3
4
–6.0 AMPERES
–20 VOLTS
RDS(on) = 44 mW (Typ.)
P–Channel
Device
Package
Shipping
ORDERING INFORMATION
NTF6P02T3
SOT–223
4000/Tape & Reel
SOT–223
CASE 318E
STYLE 3
6P02
MARKING
DIAGRAM
AWW
A
= Assembly Location
WW
= Work Week
6P02
= Device Code
PIN ASSIGNMENT
3
2
1
Gate
Drain Source
4 Drain
http://onsemi.com


Similar Part No. - NTF6P02T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3G ONSEMI-NTF6P02T3G Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
More results

Similar Description - NTF6P02T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055-160 ONSEMI-NTF3055-160 Datasheet
55Kb / 8P
   Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223
July, 2001 ??Rev. 0
NTMD6N02R2 ONSEMI-NTMD6N02R2 Datasheet
71Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
April, 2004 ??Rev. 2
NTF6P02T3 ONSEMI-NTF6P02T3_06 Datasheet
142Kb / 6P
   Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTMD6N02R2 ONSEMI-NTMD6N02R2_05 Datasheet
80Kb / 6P
   Power MOSFET 6.0 Amps, 20 Volts
August, 2005 ??Rev. 3
NTF6P02 ONSEMI-NTF6P02_V01 Datasheet
212Kb / 8P
   MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
logo
Leshan Radio Company
LBSS84LT1 LRC-LBSS84LT1 Datasheet
182Kb / 4P
   Power MOSFET 130m Amps, 50 Volts (P-Channel SOT -23)
logo
Unisonic Technologies
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTTS2P02R2 ONSEMI-NTTS2P02R2 Datasheet
98Kb / 8P
   Power MOSFET -2.4 Amps, -20 Volts Single P-Channel Micro8
December, 2000 ??Rev. 4
MGSF1P02ELT1 ONSEMI-MGSF1P02ELT1 Datasheet
74Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com