Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV312MS64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTV312MS64
Description  8051 Embedded Monitor Controller Flash Type with ISP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTV312MS64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV312MS64 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.99)
8051 Embedded Monitor Controller
Flash Type with ISP
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without
notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Revision 0.99
- 1 -
2001/07/26
FEATURES
8051 core, 12MHz operating frequency with double CPU clock option
0.35uM process; 5V/3.3V power supply and I/O; 3.3V core operating
1024-byte RAM; 64K-byte program Flash-ROM support In System Programming (ISP)
Maximum 14 channels of PWM DAC
Maximum 31 I/O pins
SYNC processor for composite separation/insertion, H/V polarity/frequency check and polarity adjustment
Built-in low power reset circuit
Built-in self-test pattern generator with four free-running timings
Compliant with VESA DDC1/2B/2Bi/2B+ standard
Dual slave IIC addresses; H/W auto transfer DDC1/DDC2x data
Single master IIC interface for internal device communication
Maximum 4-channel 6-bit ADC
Watchdog timer with programmable interval
Flash-ROM program code protection selection
40-pin DIP, 42-pin SDIP or 44-pin PLCC package
GENERAL DESCRIPTIONS
The MTV312M micro-controller is an 8051 CPU core embedded device especially tailored for CRT/LCD
Monitor applications. It includes an 8051 CPU core, 1024-byte SRAM, 14 built-in PWM DACs, VESA DDC
interface, 4-channel A/D converter, and a 64K-byte internal program Flash-ROM.
BLOCK DIAGRAM
XFR
P0.0-7
P2.0-3
RD
WR
ALE
INT1
P0.0-7
P2.0-3
RD
WR
ALE
INT1
8051
CORE
P1.0-7
P3.0-2
P3.4-5
RST
X1
X2
ADC
AD0-3
PWM DAC
DA0-13
DDC & IIC
INTERFACE
ISCL
ISDA
HSCL
HSDA
AUXRAM &
DDCRAM
HSYNC
VSYNC
HBLANK
VBLANK
H/VSYNC
CONTROL
P6.0-7
P5.0-6
AUX
I/O
P4.0-2


Similar Part No. - MTV312MS64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Similar Description - MTV312MS64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com