Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC9993FA Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC9993FA
Description  INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9993FA Datasheet(HTML) 7 Page - Motorola, Inc

  MPC9993FA Datasheet HTML 1Page - Motorola, Inc MPC9993FA Datasheet HTML 2Page - Motorola, Inc MPC9993FA Datasheet HTML 3Page - Motorola, Inc MPC9993FA Datasheet HTML 4Page - Motorola, Inc MPC9993FA Datasheet HTML 5Page - Motorola, Inc MPC9993FA Datasheet HTML 6Page - Motorola, Inc MPC9993FA Datasheet HTML 7Page - Motorola, Inc MPC9993FA Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MPC9993
TIMING SOLUTIONS
7
MOTOROLA
OUTLINE DIMENSIONS
FA SUFFIX
PLASTIC LQFP PACKAGE
CASE 873A–03
ISSUE B
12 REF
D1
D/2
E
E1
1
8
9
17
25
32
F
F
e/2
DETAIL G
BASE
c1
c
b
b1
METAL
SECTION F–F
e
SEATING
PLANE
R R2
_
(S)
L
(L1)
0.25
GAUGE PLANE
A2
A
A1
DETAIL AD
DETAIL AD
D1/2
E1/2
E/2
4X
D
7
A
D
B
A–B
0.20
H
0.1 C
( 1 )
_
8X
A, B, D
A–B
M
0.20
D
C
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
3. DATUMS A, B, AND D TO BE DETERMINED AT
DATUM PLANE H.
4. DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
THE MAXIMUM b DIMENSION BY MORE THAN
0.08–mm. DAMBAR CANNOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND ADJACENT LEAD OR
PROTRUSION: 0.07–mm.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.25–mm PER SIDE. D1 AND E1 ARE MAXIMUM
PLASTIC BODY SIZE DIMENSIONS INCLUDING
MOLD MISMATCH.
7. EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8. THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.1–mm AND 0.25–mm
FROM THE LEAD TIP.
DIM
MIN
MAX
MILLIMETERS
A
A1
7.00 BSC
A2
0.80 BSC
b
9.00 BSC
b1
0.30
0.40
c
0.09
0.20
c1
0.09
0.16
D
D1
e
E
E1
L
L1
1.00 REF
R1
0.08
0.20
R2
S
1
1.40
1.60
0.05
0.15
1.35
1.45
0.30
0.45
0.08
–––
0
7
__
_
9.00 BSC
7.00 BSC
0.50
0.70
θ
θ
0.20 REF
D
4X
A–B
0.20
C
D
6
6
4
4
DETAIL G
PIN 1 INDEX
C
32X
28X
H
5
8
PLATING
3
q
q
R R1


Similar Part No. - MPC9993FA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results

Similar Description - MPC9993FA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
   Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
logo
Motorola, Inc
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
   Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
logo
Exar Corporation
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
   INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com