Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC10F222EP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC10F222EP
Description  6-Pin, 8-Bit Flash Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222EP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC10F222EP Datasheet HTML 5Page - Microchip Technology PIC10F222EP Datasheet HTML 6Page - Microchip Technology PIC10F222EP Datasheet HTML 7Page - Microchip Technology PIC10F222EP Datasheet HTML 8Page - Microchip Technology PIC10F222EP Datasheet HTML 9Page - Microchip Technology PIC10F222EP Datasheet HTML 10Page - Microchip Technology PIC10F222EP Datasheet HTML 11Page - Microchip Technology PIC10F222EP Datasheet HTML 12Page - Microchip Technology PIC10F222EP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 7
PIC10F220/222
2.0
DEVICE VARIETIES
A variety of packaging options are available. Depend-
ing on application and production requirements, the
proper device option can be selected using the
information in this section. When placing orders, please
use the PIC10F220/222 Product Identification System
at the back of this data sheet to specify the correct part
number.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who choose not to program
medium-to-high
quantity
units
and
whose
code
patterns have stabilized. The devices are identical to
the Flash devices but with all Flash locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please
contact your local Microchip Technology sales office for
more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry-code,
password or ID number.


Similar Part No. - PIC10F222EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F222E/MC MICROCHIP-PIC10F222E/MC Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
2007
PIC10F222E/MC MICROCHIP-PIC10F222E/MC Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222E/OT MICROCHIP-PIC10F222E/OT Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
2007
PIC10F222E/OT MICROCHIP-PIC10F222E/OT Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222E/P MICROCHIP-PIC10F222E/P Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
2007
More results

Similar Description - PIC10F222EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F200 MICROCHIP-PIC10F200_14 Datasheet
998Kb / 88P
   6-Pin, 8-Bit Flash Microcontrollers
03/25/14
PIC10F200 MICROCHIP-PIC10F200 Datasheet
1Mb / 86P
   6-Pin, 8-Bit Flash Microcontrollers
2005
PIC10F200 MICROCHIP-PIC10F200_07 Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
PIC10LF320 MICROCHIP-PIC10LF320 Datasheet
1Mb / 193P
   6/8-Pin Flash-Based, 8-Bit Microcontrollers
07/14/15
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
   8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
   8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com