Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1507ETA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1507ETA
Description  Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1507ETA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1507ETA Datasheet HTML 4Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 5Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 6Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 7Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 8Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 9Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 10Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 11Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Layout and Bypassing
Connect a 1µF ceramic input capacitor as close to the
device as possible. Provide a large copper GND plane
to allow the exposed paddle to sink heat away from the
device. Connect the battery to BATT as close to the
device as possible to provide accurate battery voltage
sensing. Make all high-current traces short and wide to
minimize voltage drops. For an example layout, refer to
the MAX1507/MAX1508 evaluation kit layout.
Chip Information
TRANSISTOR COUNT: 1812
PROCESS: BiCMOS
Linear Li+ Battery Charger with Integrated Pass FET
and Thermal Regulation in 3mm x 3mm Thin DFN
10
______________________________________________________________________________________
MAX1507
1µF
15.4kΩ
4.3kΩ
IN
CHG
1µF
4.2V Li+
BATT
EN
N
GND
SYSTEM
TEMP
VL
ISET
USB PORT
VBUS
GND
D+
D-
VI/O
ROHM
DTC114EM
VI/O
HIGH: 435mA, LOW: 95mA
0.47µF
Figure 4. USB Battery Charger


Similar Part No. - MAX1507ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1507ETA+T MAXIM-MAX1507ETA+T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507ETA+T MAXIM-MAX1507ETA+T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
More results

Similar Description - MAX1507ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508 MAXIM-MAX1508 Datasheet
198Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
19-2890; Rev 1; 10/03
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
Maxim Integrated Produc...
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX8808 MAXIM-MAX8808 Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Rev 0; 4/05
logo
Linear Technology
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com