Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1592BCG Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC1592BCG
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1592BCG Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC1592BCG Datasheet HTML 7Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 8Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 9Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 10Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 11Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 12Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 13Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 14Page - Linear Integrated Systems LTC1592BCG Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1588/LTC1589/LTC1592
1588992fa
APPLICATIO S I FOR ATIO
Op Amp Selection
Because of the extremely high accuracy of the 16-bit
LTC1592, careful thought should be given to op amp
selection in order to achieve the exceptional performance
of which the part is capable. Fortunately, the sensitivity of
INL and DNL to op amp offset has been greatly reduced
compared to previous generations of multiplying DACs.
Tables 2 and 3 contain equations for evaluating the effects
of op amp parameters on the LTC1592’s accuracy when
programmed in a unipolar or bipolar output range. These
are the changes the op amp can cause to the INL, DNL,
unipolar offset, unipolar gain error, bipolar zero and bipo-
lar gain error. Tables 2 and 3 can also be used to determine
the effects of op amp parameters on the LTC1589 and the
LTC1588. However, the results obtained from Tables 2
and 3 are in 16-bit LSBs. Divide these results by 4
(LTC1589) and 16 (LTC1588) to obtain the correct LSB
sizing.
Table 4 contains a partial list of LTC precision op amps
recommended for use with the LTC1592. The easy-to-use
design equations simplify the selection of op amps to meet
the system’s specified error budget. Select the amplifier
from Table 4 and insert the specified op amp parameters
in Table 3. Add up all the errors for each category to
determine the effect the op amp has on the accuracy of the
LTC1592. Arithmetic summation gives an (unlikely) worst-
case effect. A root-sum-square (RMS) summation pro-
duces a more realistic estimate.
Op amp offset will contribute mostly to output offset and
gain error and has minimal effect on INL and DNL. For the
LTC1592, a 250
µVopampoffsetwillcauseabout0.65LSB
INL degradation and 0.15LSB DNL degradation with a 10V
full-scale range (20V range in bipolar). For the LTC1592
programmed in a unipolar mode, the same 250
µV op amp
offset will cause a 3.3LSB zero-scale error and a 3.3LSB
gain error with a 10V full-scale range.
CS/LD goes high, the mode changes and the DAC output
goes to a value corresponding to the data code.
Examples using the LTC1592:
1. Using a 24-bit loading sequence, load the unipolar
range of 0V to 10V with the DAC output at zero volt:
a) CS/LD
b) Clock SDI = 1001 XXXX 0000 0000 0000 0000
c) CS/LD ; then VOUT = 0V
2. Using a 24-bit loading sequence, load the bipolar range
of
±5V and the DAC output at zero volt:
a) CS/LD
b) Clock SDI = 1010 XXXX 1000 0000 0000 0000
c) CS/LD ; then VOUT = 0V on the ±5V range
3. Using a 32-bit load sequence, load the bipolar range of
±10V with the DAC output voltage at 5V initially. Then
change the DAC output to –5V:
a) CS/LD
b) Clock SDI = XXXX XXXX 1011 XXXX 1100 0000 0000
0000
c) CS/LD ; then VOUT = 5V on the ±10V range
Next, the bipolar range of
±10V is retained and the DAC
output voltage is changed to VOUT = – 5V:
a) CS/LD
b) Clock SDI = XXXX XXXX 0010 XXXX 0100 0000 0000
0000
c) CS/LD ; then VOUT = – 5V on the ±10V range
OPERATIO


Similar Part No. - LTC1592BCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1592BCG LINER-LTC1592BCG Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results

Similar Description - LTC1592BCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com