Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQA48B Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LQA48B
Description  Cellular Phone Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LQA48B Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LQA48B Datasheet HTML 4Page - National Semiconductor (TI) LQA48B Datasheet HTML 5Page - National Semiconductor (TI) LQA48B Datasheet HTML 6Page - National Semiconductor (TI) LQA48B Datasheet HTML 7Page - National Semiconductor (TI) LQA48B Datasheet HTML 8Page - National Semiconductor (TI) LQA48B Datasheet HTML 9Page - National Semiconductor (TI) LQA48B Datasheet HTML 10Page - National Semiconductor (TI) LQA48B Datasheet HTML 11Page - National Semiconductor (TI) LQA48B Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
V
O4 LDO Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
1 mA
≤ I
OUT
≤ 50 mA, V
OUT = 2.2V
3.0V
≤ V
BATT =VIN
≤ 5.5V
−3
±1.0
+3
%
V
OUT
Range
Programmable Output Voltage
Range
0µA
≤ I
OUT
≤ 50 mA
Programming Resolution = 100 mV
1.5
3.0
3.0
V
I
OUT
Output Current
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V
50
mA
Output Current Limit
V
OUT = 0V
140
V
IN–VOUT
Dropout Voltage
I
OUT =25mA
7
90
mV
∆V
OUT
Line Regulation
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V, I
OUT =25mA
3
mV
Load Regulation
V
IN = 3.6V, 1 mA
≤ I
OUT
≤ 50 mA
4
31
e
N
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
C
OUT = 1.0 µF
27
µV
RMS
PSRR
Power Supply Ripple
Rejection Ratio
f = 217 Hz, C
OUT = 1.0 µF
56
dB
I
GND
Ground Current
I
OUT = 100 µA
30
µA
C
OUT
Output Capacitance
Output Capacitor ESR
0µA
≤ I
OUT
≤ 50 mA
120
µF
5
500
m
t
START-UP
Start-Up Time from Shutdown
C
OUT = 1.0 µF, IOUT = 50 mA (Note
10)
60
µs
V
O5 LDO Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40 to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
1 mA
≤ I
OUT
≤ 50 mA, V
OUT = 2.2V
3.0V
≤ V
BATT =VIN
≤ 5.5V
−3
±1.0
+3
%
V
OUT
Range
Programmable Output Voltage
Range
0µA
≤ I
OUT
≤ 50 mA
Programming Resolution = 100 mV
2.5
2.8
3.2
V
I
OUT
Output Current
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V
50
mA
Output Current Limit
V
OUT = 0V
160
V
IN–VOUT
Dropout Voltage
I
OUT =25mA
7
90
mV
∆V
OUT
Line Regulation
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V, I
OUT =25mA
3
mV
Load Regulation
V
IN = 3.6V, 1 mA
≤ I
OUT
≤ 50 mA
4
31
e
N
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
C
OUT = 1.0 µF
27
µV
RMS
PSRR
Power Supply Ripple
Rejection Ratio
f = 217 Hz, C
OUT = 1.0 µF
56
dB
I
GND
Ground Current
I
OUT = 100 µA
30
µA
C
OUT
Output Capacitance
Output Capacitor ESR
0µA
≤ I
OUT
≤ 50 mA
120
µF
5
500
m
t
START-UP
Start-Up Time from Shutdown
C
OUT = 1.0 µF, IOUT = 50 mA (Note
10)
60
µs
Note: This LDO will be ON after start-up by default.
Note: This LDO has an external active high enable pin, VO5-EN as well as the internal register enable bit. The LDO is on if either of these is “1” (OR-function). The
enable bit is “1” by default and can be disabled via the register file.
www.national.com
8


Similar Part No. - LQA48B

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA40B150C POWERINT-LQA40B150C Datasheet
521Kb / 8P
   150 V, 40 A Common-Cathode Diode
Dec. 2014
LQA40B200C POWERINT-LQA40B200C Datasheet
663Kb / 8P
   200 V, 40 A Common-Cathode Diode
January 2015
LQA40T150C POWERINT-LQA40T150C Datasheet
521Kb / 8P
   150 V, 40 A Common-Cathode Diode
Dec. 2014
LQA40T200C POWERINT-LQA40T200C Datasheet
663Kb / 8P
   200 V, 40 A Common-Cathode Diode
January 2015
More results

Similar Description - LQA48B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
[Old version datasheet]   Cellular Phone Power Management Unit
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
   Power Management for Cellular Phone
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com