Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1967 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC1967
Description  Precision Extended Bandwidth, RMS-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1967 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC1967 Datasheet HTML 1Page - Linear Integrated Systems LTC1967 Datasheet HTML 2Page - Linear Integrated Systems LTC1967 Datasheet HTML 3Page - Linear Integrated Systems LTC1967 Datasheet HTML 4Page - Linear Integrated Systems LTC1967 Datasheet HTML 5Page - Linear Integrated Systems LTC1967 Datasheet HTML 6Page - Linear Integrated Systems LTC1967 Datasheet HTML 7Page - Linear Integrated Systems LTC1967 Datasheet HTML 8Page - Linear Integrated Systems LTC1967 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1967
1967f
Precision Extended
Bandwidth, RMS-to-DC Converter
s
High Linearity:
0.02% Linearity Allows Simple System Calibration
s
Wide Input Bandwidth:
Bandwidth to 0.1% Additional Gain Error: 40kHz
Bandwidth Independent of Input Voltage Amplitude
s
No-Hassle Simplicity:
True RMS-DC Conversion with Only One External
Capacitor
Delta Sigma Conversion Technology
s
Low Supply Current:
330
µA Typ
s
Ultralow Shutdown Current:
0.1
µA
s
Flexible Inputs:
Differential or Single Ended
Rail-to-Rail Common Mode Voltage Range
Up to 1VPEAK Differential Voltage
s
Flexible Output:
Rail-to-Rail Output
Separate Output Reference Pin Allows Level Shifting
s
Small Size:
Space Saving 8-Pin MSOP Package
s
True RMS Digital Multimeters and Panel Meters
s
True RMS AC + DC Measurements
DESCRIPTIO
FEATURES
APPLICATIO S
The LTC
®1967 is a true RMS-to-DC converter that uses an
innovative delta-sigma computational technique. The ben-
efits of the LTC1967 proprietary architecture when com-
pared to conventional log-antilog RMS-to-DC converters
are higher linearity and accuracy, bandwidth independent
of amplitude and improved temperature behavior.
The LTC1967 operates with single-ended or differential in-
put signals (for EMI/RFI rejection) and supports crest fac-
tors up to 4. Common mode input range is rail-to-rail. Dif-
ferential input range is 1VPEAK, and offers unprecedented
linearity. The LTC1967 allows hassle-free system calibra-
tion at any input voltage.
The LTC1967 has a rail-to-rail output with a separate out-
put reference pin providing flexible level shifting; it oper-
ates on a single power supply from 4.5V to 5.5V. A low power
shutdown mode reduces supply current to 0.1
µA.
The LTC1967 is packaged in the space-saving MSOP pack-
age, which is ideal for portable applications.
Single Supply RMS-to-DC Converter
CAVE
1
µF
VOUT
+
1967 TA01
4.5V TO 5.5V
OUTPUT
DIFFERENTIAL
INPUT
LTC1967
V+
0.1
µF
OPT. AC
COUPLING
EN
GND
OUT RTN
IN1
IN2
TYPICAL APPLICATIO
VIN (mV ACRMS)
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
100
200
300
400
1967 TA01b
500
LTC1967,
∆Σ
60Hz SINEWAVE
CONVENTIONAL
LOG/ANTILOG
Linearity Performance
, LTC and LT are registered trademarks of Linear Technology Corporation.
Protected under U.S. Patent Numbers 6,359,576, 6,362,677 and 6,516,291


Similar Part No. - LTC1967

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1967CMS8 LINER-LTC1967CMS8 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967IMS8 LINER-LTC1967IMS8 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
More results

Similar Description - LTC1967

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
   Precision Micropower, SIGMA RMS-to-DC Converter
logo
Analog Devices
AD637JRZ AD-AD637JRZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637 AD-AD637_15 Datasheet
808Kb / 21P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com