Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3941LQA Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3941LQA
Description  Cellular Phone Power Management Unit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3941LQA Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3941LQA Datasheet HTML 2Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 3Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 4Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 5Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 6Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 7Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 8Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 9Page - National Semiconductor (TI) LP3941LQA Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Electrical Characteristics (Continued)
Unless otherwise noted, V
IN = 2.5V to 5.5V, CIN (IN1–6) = 4.7 µF, COUT (VO1 and VO9) = 4.7 µF, COUT (VO2,VO3,VO7,VO8,
V
O10 and VO11) = 2.2 µF, COUT (VO4 to VO6) = 1 µF, COUT (VRTC)=1µF ceramic, CBYP = 0.1 µF. Typical values and limits
appearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction temperature
range for operation, −40 to +125˚C. (Notes 2, 8, 9, 10)
Symbol
Parameter
Condition
Min
Typ
Max
Units
LOGIC AND CONTROL INPUTS
V
IH
Input High Level
PS-HOLD, ON, BSNS, HF-PWR,
RTC_ALARM, SDA, SCL, V
O5-EN,
V
O6-EN.
2.5V
≤ V
BATT
≤ 5.5V
2.0
V
I
IL
Logic Input Current
SDA, SCL
0V
≤ V
IN
≤ 5.5V
−5
+5
µA
PS-HOLD Input Current
0V
≤ V
IN
≤ V
BATT
−5
+5
µA
R
IN
ON, HF_PWR Pull-Down
Resistance to GND
200
k
V
O5-EN, VO6-EN, RTC_ALARM
Pull Down Resistance to GND
1700
k
LOGIC AND CONTROL OUTPUTS
V
OL
ON Output Low Level
I
SINK =1mA
0.4
V
I
LEAKAGE
ON Open Drain Leakage
V
ON = 4.2V
5
µA
I
O-MAX
ON, RESET, OUT (COMP1),
OUT (COMP2) Output
Maximum Sink/Source Current
5
mA
V
O1 LDO Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40 to +85˚C. (Notes 2, 8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Accuracy
Output Voltage
1 mA
≤ I
OUT
≤ 200 mA, V
OUT = 2.2V
3.0V
≤ V
BATT =VIN
≤ 5.5V
−3
±1.0
+3
%
V
OUT
Range
Programmable Output Voltage
Range
0µA
≤ I
OUT
≤ 200 mA
Programming Resolution = 100 mV
1.5
1.8
3.0
V
I
OUT
Output Current
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V
200
mA
Output Current Limit
V
OUT = 0V
780
V
IN–VOUT
Dropout Voltage
I
OUT = 100 mA
70
254
mV
∆V
OUT
Line Regulation
(V
OUT + 0.25V, 3.0V)MAX
≤ V
BATT
V
BATT =VIN
≤ 5.5V, I
OUT = 100 mA
3
mV
Load Regulation
V
IN = 3.6V, 1 mA
≤ I
OUT
≤ 200 mA
10
e
N
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz,
C
OUT = 4.7 µF
27
µV
RMS
PSRR
Power Supply Ripple
Rejection Ratio
f = 217 Hz, C
OUT = 4.7 µF
60
dB
C
OUT
Output Capacitance
Output Capacitor ESR
1mA
≤ I
OUT
≤ 200 mA
220
µF
5
500
m
t
START-UP
Start-Up Time from Shutdown
ON-signal
C
OUT = 4.7 µF, IOUT = 200 mA (Note
10)
80
120
180
µs
Note: This LDO will be ON after start up by default.
Note: (VOUT + 0.25V, 3.0V)MAX means greater of the two. That is 3.0V if VOUT < 2.75V.
Note: The PMU can switch off if battery voltage is below 3.0V due to under voltage lockout designed to protect the battery from excessive discharge at low voltages.
Note: The start-up time (tSTART-UP) is defined as the time between the rising edge of ON-, HF_PWR-, RTC ALARM- or CHG_IN- pins going high and activating the
power-up sequence of the LP3941A.
www.national.com
6


Similar Part No. - LP3941LQA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3941LQA TI1-LP3941LQA Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
More results

Similar Description - LP3941LQA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
[Old version datasheet]   Cellular Phone Power Management Unit
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
LP3923 TI1-LP3923 Datasheet
1Mb / 34P
[Old version datasheet]   Cellular Phone Power Management Unit
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
   Power Management for Cellular Phone
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com