Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F2016U4G Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6F2016U4G
Description  2Mb(128K x 16 bit) Low Power SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2016U4G Datasheet(HTML) 5 Page - Samsung semiconductor

  K6F2016U4G Datasheet HTML 1Page - Samsung semiconductor K6F2016U4G Datasheet HTML 2Page - Samsung semiconductor K6F2016U4G Datasheet HTML 3Page - Samsung semiconductor K6F2016U4G Datasheet HTML 4Page - Samsung semiconductor K6F2016U4G Datasheet HTML 5Page - Samsung semiconductor K6F2016U4G Datasheet HTML 6Page - Samsung semiconductor K6F2016U4G Datasheet HTML 7Page - Samsung semiconductor K6F2016U4G Datasheet HTML 8Page - Samsung semiconductor K6F2016U4G Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Revision 0.0
CMOS SRAM
April 2005
K6F2016U4G Family
- 5 -
Preliminary
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. Industrial Product: TA=-40 to 85
°C, otherwise specified.
2. Overshoot: Vcc+2.0V in case of pulse width
≤20ns.
3. Undershoot: -2.0V in case of pulse width
≤20ns.
4. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
2.7
3.0
3.3
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.32)
V
Input low voltage
VIL
-0.33)
-0.6
V
CAPACITANCE1) (f=1MHz, TA=25°C)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
DC AND OPERATING CHARACTERISTICS
1. Typical values are measured at VCC=3.0V, TA=25
°C and not 100% tested.
Item
Symbol
Test Conditions
Min
Typ1)
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL or LB=UB=VIH,
VIO=Vss to Vcc
-1
-
1
µA
Average operating current
ICC1
Cycle time=1
µs, 100%duty, IIO=0mA, CS≤0.2V,
LB
≤0.2V or/and UB≤0.2V, VIN≤0.2V or VIN≥VCC-0.2V
--
4
mA
ICC2
Cycle time=Min, IIO=0mA, 100% duty, CS=VIL,
LB=VIL or/and UB=VIL, VIN=VIL or VIH
70ns
-
-
22
mA
55ns
-
-
27
Output low voltage
VOL
IOL = 2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH = -1.0mA
2.4
-
-
V
Standby Current (CMOS)
ISB1
Other input =0~Vcc
1) CS
≥Vcc-0.2V(CS controlled) or
2) LB=UB
≥Vcc-0.2V, CS≤0.2V(LB/UB controlled)
-3
10
µA


Similar Part No. - K6F2016U4G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D-F SAMSUNG-K6F2016U4D-F Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D-FF55 SAMSUNG-K6F2016U4D-FF55 Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D-FF70 SAMSUNG-K6F2016U4D-FF70 Datasheet
117Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F2016U4G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2016R4G SAMSUNG-K6F2016R4G Datasheet
163Kb / 10P
   2Mb(128K x 16 bit) Low Power SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_13 Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com